データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2852 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2852
部品情報  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852 データシート(HTML) 9 Page - Texas Instruments

Back Button LM2852 Datasheet HTML 5Page - Texas Instruments LM2852 Datasheet HTML 6Page - Texas Instruments LM2852 Datasheet HTML 7Page - Texas Instruments LM2852 Datasheet HTML 8Page - Texas Instruments LM2852 Datasheet HTML 9Page - Texas Instruments LM2852 Datasheet HTML 10Page - Texas Instruments LM2852 Datasheet HTML 11Page - Texas Instruments LM2852 Datasheet HTML 12Page - Texas Instruments LM2852 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
't = C
I
'V
= 100 PF
3A
3V
= 100 Ps
IRMS = ILOAD
D(1-D)
LM2852
www.ti.com
SNVS325C – JANUARY 2005 – REVISED OCTOBER 2006
APPLICATIONS INFORMATION
The LM2852 is a DC-DC synchronous buck regulator belonging to Texas Instrument’s SIMPLE SWITCHER
family. Integration of the PWM controller, power switches and compensation network greatly reduces the
component count required to implement a switching power supply. A typical application requires only four
components: an input capacitor, a soft-start capacitor, an output filter capacitor and an output filter inductor.
INPUT CAPACITOR (CIN)
Fast switching of large currents in the buck converter places a heavy demand on the voltage source supplying
PVIN. The input capacitor, CIN, supplies extra charge when the switcher needs to draw a burst of current from
the supply. The RMS current rating and the voltage rating of the CIN capacitor are therefore important in the
selection of CIN. The RMS current specification can be approximated by:
where
D is the duty cycle, VOUT/VIN. CIN also provides filtering of the supply.
(1)
Trace resistance and inductance degrade the benefits of the input capacitor, so CIN should be placed very close
to PVIN in the layout. A 22 µF or 47 µF ceramic capacitor is typically sufficient for CIN. In parallel with the large
input capacitance a smaller capacitor may be added such as a 1µF ceramic for higher frequency filtering.
SOFT-START CAPACITOR (CSS)
The DAC that sets the reference voltage of the error amp sources a current through a resistor to set the
reference voltage. The reference voltage is one half of the output voltage of the switcher due to the 200k
divider connected to the SNS pin. Upon start-up, the output voltage of the switcher tracks the reference voltage
with a two to one ratio as the DAC current charges the capacitance connected to the reference voltage node.
Internal capacitance of 20pF is permanently attached to the reference voltage node which is also connected to
the soft-start pin, SS. Adding a soft-start capacitor externally increases the time it takes for the output voltage to
reach its final level.
The charging time required for the reference voltage can be estimated using the RC time constant of the DAC
resistor and the capacitance connected to the SS pin. Three RC time constant periods are needed for the
reference voltage to reach 95% of its final value. The actual start-up time will vary with differences in the DAC
resistance and higher-order effects.
If little or no soft-start capacitance is connected, then the start-up time may be determined by the time required
for the current limit current to charge the output filter capacitance. The capacitor charging equation I = C
ΔV/Δt
can be used to estimate the start-up time in this case. For example, a part with a 3V output, a 100 µF output
capacitance and a 3A current limit threshold would require a time of 100 µs:
(2)
Since it is undesirable for the power supply to start up in current limit, a soft-start capacitor must be chosen to
force the LM2852 to start up in a more controlled fashion based on the charging of the soft-start capacitance. In
this example, suppose a 3 ms start time is desired. Three time constants are required for charging the soft-start
capacitor to 95% of the final reference voltage. So in this case RC=1ms. The DAC resistor, R, is 400 k
Ω so C
can be calculated to be 2.5nF. A 2.7nF ceramic capacitor can be chosen to yield approximately a 3ms start-up
time.
SOFT-START CAPACITOR (CSS) AND FAULT CONDITIONS
Various fault conditions such as short circuit and UVLO of the LM2852 activate internal circuitry designed to
control the voltage on the soft-start capacitor. For example, during a short circuit current limit event, the output
voltage typically falls to a low voltage. During this time, the soft-start voltage is forced to track the output so that
once the short is removed, the LM2852 can restart gracefully from whatever voltage the output reached during
the short circuit event. The range of soft-start capacitors is therefore restricted to values 1nF to 50nF.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2852


同様の部品番号 - LM2852

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852 NSC-LM2852 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852 Datasheet
1Mb / 25P
[Old version datasheet]   Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments
LM2852 TI-LM2852 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852XMXA-0.8 NSC-LM2852XMXA-0.8 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

同様の説明 - LM2852

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com