データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2744 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM2744
部品情報  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2744 データシート(HTML) 4 Page - Texas Instruments

  LM2744 Datasheet HTML 1Page - Texas Instruments LM2744 Datasheet HTML 2Page - Texas Instruments LM2744 Datasheet HTML 3Page - Texas Instruments LM2744 Datasheet HTML 4Page - Texas Instruments LM2744 Datasheet HTML 5Page - Texas Instruments LM2744 Datasheet HTML 6Page - Texas Instruments LM2744 Datasheet HTML 7Page - Texas Instruments LM2744 Datasheet HTML 8Page - Texas Instruments LM2744 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LM2744
SNVS292E – SEPTEMBER 2004 – REVISED JANUARY 2012
www.ti.com
Electrical Characteristics
VCC = 3.3V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA= TJ= 25°C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are guaranteed by
design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VON
UVLO Thresholds
Rising
2.76
V
Falling
2.42
VCC = 3.3V, VSD = 3.3V
1.0
1.5
2.1
Fsw = 600kHz
Operating VCC Current
mA
IQ_VCC
VCC = 5V, VSD = 3.3V
1.0
1.7
2.1
Fsw = 600kHz
Shutdown VCC Current
VCC = 3.3V, VSD = 0V
1
25
µA
tPWGD1
PWGD Pin Response Time
VFB Rising
6
µs
tPWGD2
PWGD Pin Response Time
VFB Falling
6
µs
ISS-ON
SS Pin Source Current
VSS = 0V
5
10
15
µA
ISS-OC
SS Pin Sink Current During Over
VSS = 2.5V
90
µA
Current
ISEN-TH
ISEN Pin Source Current Trip Point
20
40
60
µA
ERROR AMPLIFIER
VOS
Error Amplifier Input Offset Voltage
-8
1
8
mV
GBW
Error Amplifier Unity Gain
9
MHz
Bandwidth
G
Error Amplifier DC Gain
106
dB
SR
Error Amplifier Slew Rate
3.2
V/µs
IEAO
EAO Pin Current Sourcing and
VEAO = 1.5, FB = 0.55V
2.6
mA
Sinking Capability
VEAO = 1.5, FB = 0.65V
9.2
VEA
Error Amplifier Output Voltage
Minimum
1
V
Maximum
2
V
IVREF
Current into VREF Pin
1.5V
≥ VREF ≥ 0.5V
50
nA
GATE DRIVE
IQ-BOOT
BOOT Pin Quiescent Current
VBOOT = 12V, VSD = 0
18
90
µA
RHG_UP
High-Side MOSFET Driver Pull-Up
VBOOT - VSW = 9.5V@350mA
3
ON resistance
RHG_DN
High-Side MOSFET Driver Pull-
VBOOT - VSW = 4.5V@350mA
2
Down ON resistance
RLG_UP
Low-Side MOSFET Driver Pull-Up
VBOOT - VSW = 9.5V@350mA
3
ON resistance
RLG_DN
Low-Side MOSFET Driver Pull-
VBOOT - VSW = 4.5V@350mA
2
Down ON resistance
OSCILLATOR
RFADJ = 702.1 kΩ
50
RFADJ = 98.74 kΩ
300
FSW
PWM Frequency
kHz
RFADJ = 45.74 kΩ
475
600
725
RFADJ = 24.91 kΩ
1000
D
Max High-Side Duty Cycle
FSW = 300kHz
80
%
FSW = 600kHz
76
FSW = 1MHz
73
LOGIC INPUTS AND OUTPUTS
V STBY-IH
Standby High Trip Point
VFB = 0.575V, VBOOT = 3.3V, VSD
1.1
V
Rising
V STBY-IL
Standby Low Trip Point
VFB = 0.575V, VBOOT = 3.3V, VSD
0.232
V
Falling
V SD-IH
SD Pin Logic High Trip Point
VSD Rising
1.3
V
V SD-IL
SD Pin Logic Low Trip Point
VSD Falling
0.8
V
4
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM2744


同様の部品番号 - LM2744

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Texas Instruments
LM2744 TI-LM2744 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744MTC/NOPB TI-LM2744MTC/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744MTCX/NOPB TI-LM2744MTCX/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results

同様の説明 - LM2744

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com