データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3405A データシート(PDF) 3 Page - Texas Instruments

部品番号 LM3405A
部品情報  1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3405A データシート(HTML) 3 Page - Texas Instruments

  LM3405A_14 Datasheet HTML 1Page - Texas Instruments LM3405A_14 Datasheet HTML 2Page - Texas Instruments LM3405A_14 Datasheet HTML 3Page - Texas Instruments LM3405A_14 Datasheet HTML 4Page - Texas Instruments LM3405A_14 Datasheet HTML 5Page - Texas Instruments LM3405A_14 Datasheet HTML 6Page - Texas Instruments LM3405A_14 Datasheet HTML 7Page - Texas Instruments LM3405A_14 Datasheet HTML 8Page - Texas Instruments LM3405A_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM3405A
www.ti.com
SNVS508B – OCTOBER 2007 – REVISED OCTOBER 2008
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for availability
and specifications.
VALUE / UNIT
VIN
-0.5V to 24V
SW Voltage
-0.5V to 24V
Boost Voltage
-0.5V to 30V
Boost to SW Voltage
-0.5V to 6.0V
FB Voltage
-0.5V to 3.0V
EN/DIM Voltage
-0.5V to (VIN + 0.3V)
Junction Temperature
150°C
ESD Susceptibility (2)
2kV
Storage Temperature
-65°C to +150°C
Soldering Information Infrared/Convection Reflow (15sec)
220°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings define the conditions under
which the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
Human body model, 1.5k
Ω in series with 100pF.
RECOMMENDED OPERATING CONDITIONS
(1)
VALUE / UNIT
VIN
3V to 22V
EN/DIM voltage
-0.5V to (VIN + 0.3V)
Boost to SW Voltage
2.5V to 5.5V
Junction Temperature Range
-40°C to +125°C
Thermal Resistance
θJA
(2)
SOT 118°C/W
Thermal Resistance
θJA
(3)
eMSOP8 73°C/W
ILED SOT package
400mA
ILED MSOP PowerPAD package
1A
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings define the conditions under
which the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
Thermal shutdown will occur if the junction temperature (TJ) exceeds 165°C. The maximum allowable power dissipation (PD) at any
ambient temperature (TA) is PD = (TJ(MAX) – TA)/θJA . This number applies to packages soldered directly onto a 3" x 3" PC board with
2oz. copper on 4 layers in still air. For a 2 layer board using 1 oz. copper in still air,
θJA = 204°C/W.
(3)
Thermal shutdown will occur if the junction temperature (TJ) exceeds 165°C. The maximum allowable power dissipation (PD) at any
ambient temperature (TA) is PD = (TJ(MAX) – TA)/θJA . This number applies to packages soldered directly onto a 1" x 0.75" PC board with
1oz. copper on 4 layers in still air.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3405A


同様の部品番号 - LM3405A_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3405AXMK NSC-LM3405AXMK Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405AXMK NSC-LM3405AXMK Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405AXMK TI-LM3405AXMK Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM3405AXMKE NSC-LM3405AXMKE Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
logo
Texas Instruments
LM3405AXMKE TI-LM3405AXMKE Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
More results

同様の説明 - LM3405A_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3405AXMY TI-LM3405AXMY Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
   1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
LM3405 NSC-LM3405 Datasheet
447Kb / 2P
   550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com