データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGB35N35LZT4 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STGB35N35LZT4
部品情報  Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB35N35LZT4 データシート(HTML) 7 Page - STMicroelectronics

Back Button STGB35N35LZT4 Datasheet HTML 3Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 4Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 5Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 6Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 7Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 8Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 9Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 10Page - STMicroelectronics STGB35N35LZT4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID12253 Rev 6
7/18
STGB35N35LZ, STGP35N35LZ
Electrical characteristics
18
Figure 6. Output characteristics (TJ = 175 °C)
Figure 7. Transfer characteristics
Figure 8. Collector cut-off current vs
temperature
Figure 9. Normalized collector emitter voltage
vs temperature
0
20
40
60
80
01
23
4
5
V
CE (V )
I
C (A )
V
GE = 2.5 V
V
GE = 3 V
V
GE = 3.5 V
V
GE = 4 V
V
GE = 5 V
V
GE = 4.5 V
0
20
40
60
80
12
345
V
GE (V)
I
C (A)
V
CE = 5 V
T
J = 25 °C
T
J = 175 °C
T
J = -40 °C
0.01
0.1
1
10
100
-50
-25
0
25
50
75
100
125
150
175
T
J
(°C)
I
CES (μA)
V
CE
= 200 V
V
CE =
250 V
V
GE
= 0 V
0.980
0.985
0.990
0.995
1.000
1.005
1.010
-50
-25
0
25
50
75
100
125
150
175
T
J
(°C)
V
CES
(norm)
V
GE =
0 V
I
C
= 2 mA


同様の部品番号 - STGB35N35LZT4

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
logo
Inchange Semiconductor ...
STGB30H60DFB ISC-STGB30H60DFB Datasheet
334Kb / 4P
   Trench gate Field-Stop IGBT
2023-10-09
logo
STMicroelectronics
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
   Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2016 Rev 1
More results

同様の説明 - STGB35N35LZT4

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB20N45LZAG STMICROELECTRONICS-STGB20N45LZAG Datasheet
536Kb / 20P
   Automotive-grade 450 V internally clamped IGBT ESCIS 300 mJ
February 2018
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
   EAS 180 mJ - 400 V - internally clamped IGBT
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
   EAS 180 mJ - 390 V - internally clamped IGBT
STGB18N40LZT4 STMICROELECTRONICS-STGB18N40LZT4 Datasheet
575Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 7 - January 2021
STGD19N40LZ STMICROELECTRONICS-STGD19N40LZ Datasheet
1Mb / 17P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
October 2016 Rev 6
STGD18N40LZT4 STMICROELECTRONICS-STGD18N40LZT4 Datasheet
466Kb / 16P
   Automotive-grade 390 V internally clamped IGBT ESCIS 180 mJ
Rev 1 - January 2021
STGB25N40LZAG STMICROELECTRONICS-STGB25N40LZAG Datasheet
551Kb / 20P
   Automotive-grade 400 V internally clamped IGBT ESCIS 320 mJ
February 2018 Rev 3
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com