データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3556 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3556
部品情報  1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 5Page - Texas Instruments LM3556 Datasheet HTML 6Page - Texas Instruments LM3556 Datasheet HTML 7Page - Texas Instruments LM3556 Datasheet HTML 8Page - Texas Instruments LM3556 Datasheet HTML 9Page - Texas Instruments LM3556 Datasheet HTML 10Page - Texas Instruments LM3556 Datasheet HTML 11Page - Texas Instruments LM3556 Datasheet HTML 12Page - Texas Instruments LM3556 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
100 ms/DIV
2V/DIV
VOUT
500 mA/
DIV
IIN
STROBE
ILED
2V/DIV
1A/DIV
100ms/DIV
2V/DIV
VOUT
500mA/
DIV
IIN
STROBE
ILED
2V/DIV
1A/DIV
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2
3.34
3.36
3.38
3.40
3.42
3.44
3.46
3.48
3.50
3.52
VIN (V)
25°C
- 40°C
85°C
1 ms/DIV
1V/DIV
VOUT
1A/DIV
IIN
VIN
ILED
2V/DIV
1A/DIV
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
VIN (V)
25°C
- 40°C
85°C
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
VIN (V)
25°C
- 40°C
85°C
LM3556
www.ti.com
SNVS796C – AUGUST 2011 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Input Current Limit
Input Current Limit
Over-Temperature and VIN
Over-Temperature and VIN
Current Limit = 1.9A
Current Limit = 2.5A
Figure 14.
Figure 15.
Input Current Limit
Over-Temperature and VIN
Startup Plot with part in Boost Mode
Current Limit = 3.1A
Current Limit = 1.7A
Figure 16.
Figure 17.
Strobe with Edge-Triggered Signal (400ms)
Strobe with Level-Triggered Signal (400ms)
Figure 18.
Figure 19.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3556


同様の部品番号 - LM3556

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3556TME TI1-LM3556TME Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3556TME/NOPB TI1-LM3556TME/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3556TMX TI1-LM3556TMX Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
More results

同様の説明 - LM3556

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
   DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
   Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 1.5A Current Source Camera Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com