データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3444 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3444
部品情報  AC-DC Offline LED Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444 データシート(HTML) 2 Page - Texas Instruments

  LM3444 Datasheet HTML 1Page - Texas Instruments LM3444 Datasheet HTML 2Page - Texas Instruments LM3444 Datasheet HTML 3Page - Texas Instruments LM3444 Datasheet HTML 4Page - Texas Instruments LM3444 Datasheet HTML 5Page - Texas Instruments LM3444 Datasheet HTML 6Page - Texas Instruments LM3444 Datasheet HTML 7Page - Texas Instruments LM3444 Datasheet HTML 8Page - Texas Instruments LM3444 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
4
3
2
10
7
8
9
ISNS
NC
GATE
NC
COFF
VCC
NC
NC
5
6
FILTER
GND
3
2
1
6
7
8
VCC
NC
NC
GND
COFF
FILTER
4
5
ISNS
GATE
LM3444
SNVS682B – NOVEMBER 2010 – REVISED NOVEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Figure 2. 8-Lead SOIC (Top View)
Figure 1. 10-Pin VSSOP (Top View)
See D Package
See DGS Package
PIN DESCRIPTIONS
VSSOP
SOIC
Name
Description
1
1
NC
No internal connection. Leave this pin open.
2
NC
No internal connection. Leave this pin open.
3
NC
No internal connection. Leave this pin open.
4
8
COFF
OFF time setting pin. A user set current and capacitor connected from the output to this pin sets the
constant OFF time of the switching controller.
5
2
FILTER
Filter input. A low pass filter tied to this pin can filter a PWM dimming signal to supply a DC voltage to
control the LED current. Can also be used as an analog dimming input. If not used for dimming connect a
0.1µF capacitor from this pin to ground.
6
3
GND
Circuit ground connection.
7
4
ISNS
LED current sense pin. Connect a resistor from main switching MOSFET source, ISNS to GND to set the
maximum LED current.
8
5
GATE
Power MOSFET driver pin. This output provides the gate drive for the power switching MOSFET of the
buck controller.
9
6
VCC
Input voltage pin. This pin provides the power for the internal control circuitry and gate driver.
10
7
NC
No internal connection. Leave this pin open.
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for
availability and specifications.
VALUE / UNITS
VCC and GATE to GND
–0.3V to +14V
ISNS to GND
–0.3V to +2.5V
FILTER and COFF to GND
–-0.3V to +7.0V
COFF Input Current
60mA
Continuous Power Dissipation(2)
Internally Limited
ESD Susceptibility; HBM (3)
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
–65°C to +150°C
Maximum Lead Temperature Range (Soldering)
260°C
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be guaranteed. For specifications and test conditions,
see the Electrical Characteristics. All voltages are with respect to the potential at the GND pin, unless otherwise specified.
(2)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 165°C (typ.) and
disengages at TJ = 145°C (typ).
(3)
Human Body Model, applicable std. JESD22-A114-C.
2
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LM3444


同様の部品番号 - LM3444

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Texas Instruments
LM3444 TI-LM3444 Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
LM3444A9 NSC-LM3444A9 Datasheet
1Mb / 10P
   Edison Retrofit Evaluation Board included in this shipment converts
More results

同様の説明 - LM3444

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com