データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3410 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM3410
部品情報  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3410 データシート(HTML) 10 Page - Texas Instruments

Back Button LM3410_14 Datasheet HTML 6Page - Texas Instruments LM3410_14 Datasheet HTML 7Page - Texas Instruments LM3410_14 Datasheet HTML 8Page - Texas Instruments LM3410_14 Datasheet HTML 9Page - Texas Instruments LM3410_14 Datasheet HTML 10Page - Texas Instruments LM3410_14 Datasheet HTML 11Page - Texas Instruments LM3410_14 Datasheet HTML 12Page - Texas Instruments LM3410_14 Datasheet HTML 13Page - Texas Instruments LM3410_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
VFB
RSET
= ILED
ILED
VFB
RSET
LM3410
SNVS541F – OCTOBER 2007 – REVISED AUGUST 2010
www.ti.com
Design Guide
SETTING THE LED CURRENT
Figure 7. Setting ILED
The LED current is set using the following equation:
(1)
where RSET is connected between the FB pin and GND.
DIM PIN / SHUTDOWN MODE
The average LED current can be controlled using a PWM signal on the DIM pin. The duty cycle can be varied
between 0 & 100% to either increase or decrease LED brightness. PWM frequencies in the range of 1 Hz to 25
kHz can be used. For controlling LED currents down to the µA levels, it is best to use a PWM signal frequency
between 200 and 1 kHz. The maximum LED current would be achieved using a 100% duty cycle, i.e. the DIM pin
always high.
LED-DRIVE CAPABILITY
When using the LM3410 in the typical application configuration, with LEDs stacked in series between the VOUT
and FB pin, the maximum number of LEDs that can be placed in series is dependent on the maximum LED
forward voltage (VFMAX).
(VFMAX x NLEDs) + 190 mV < 24V
(2)
When inserting a value for maximum VFMAX the LED forward voltage variation over the operating temperature
range should be considered.
THERMAL SHUTDOWN
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 165°C. After thermal shutdown occurs, the output switch doesn’t turn on until the junction temperature
drops to approximately 150°C.
INDUCTOR SELECTION
The inductor value determines the input ripple current. Lower inductor values decrease the physical size of the
inductor, but increase the input ripple current. An increase in the inductor value will decrease the input ripple
current.
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Links: LM3410


同様の部品番号 - LM3410_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3410-Q1 TI1-LM3410-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410Q TI-LM3410Q Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410Q TI1-LM3410Q Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410XMF NSC-LM3410XMF Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XMF NSC-LM3410XMF Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
More results

同様の説明 - LM3410_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
LM3405AXMY TI-LM3405AXMY Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com