データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7905TRPBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF7905TRPBF
部品情報  Dual SO-8 MOSFET for POL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7905TRPBF データシート(HTML) 1 Page - International Rectifier

  IRF7905TRPBF Datasheet HTML 1Page - International Rectifier IRF7905TRPBF Datasheet HTML 2Page - International Rectifier IRF7905TRPBF Datasheet HTML 3Page - International Rectifier IRF7905TRPBF Datasheet HTML 4Page - International Rectifier IRF7905TRPBF Datasheet HTML 5Page - International Rectifier IRF7905TRPBF Datasheet HTML 6Page - International Rectifier IRF7905TRPBF Datasheet HTML 7Page - International Rectifier IRF7905TRPBF Datasheet HTML 8Page - International Rectifier IRF7905TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
07/09/08
IRF7905PbF
HEXFET® Power MOSFET
SO-8
Benefits
l Very Low RDS(on) at 4.5V VGS
l Low Gate Charge
l Fully Characterized Avalanche Voltage
and Current
l 20V VGS Max. Gate Rating
l Improved Body Diode Reverse Recovery
l 100% Tested for RG
l Lead-Free
Applications
l Dual SO-8 MOSFET for POL
Converters in Notebook Computers, Servers,
Graphics Cards, Game Consoles
and Set-Top Box
VDSS
ID
30V Q1 21.8m
:@VGS = 10V 7.8A
Q2 17.1m
:@VGS = 10V 8.9A
RDS(on) max
Absolute Maximum Ratings
Parameter
Q1 Max.
Q2 Max.
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
7.8
8.9
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
6.2
7.1
A
IDM
Pulsed Drain Current
c
62
71
PD @TA = 25°C
Power Dissipation
2.0
2.0
W
PD @TA = 70°C
Power Dissipation
1.3
1.3
Linear Derating Factor
0.016
0.016
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Q1 Max.
Q2 Max.
Units
RθJL
Junction-to-Drain Lead
g
42
42
°C/W
RθJA
Junction-to-Ambient fg
62.5
62.5
± 20
30
-55 to + 150
PD - 97065B


同様の部品番号 - IRF7905TRPBF

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
IRF7905TRPBF VBSEMI-IRF7905TRPBF Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
More results

同様の説明 - IRF7905TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
IRF8910GPBF IRF-IRF8910GPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL Halogen-Free
IRF9910PBF IRF-IRF9910PBF_08 Datasheet
299Kb / 10P
   Dual SO-8 MOSFET for POL Low Gate Charge
IRF8915TRPBF IRF-IRF8915TRPBF Datasheet
291Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF8910PBF IRF-IRF8910PBF_08 Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF9910 IRF-IRF9910 Datasheet
279Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GTRPBF IRF-IRF8910GTRPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF7904PBF IRF-IRF7904PBF Datasheet
258Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
logo
Xian Semipower Electron...
SW7960U SEMIPOWER-SW7960U Datasheet
592Kb / 6P
   Dual N-channel Enhanced mode SO-8 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com