データシートサーチシステム |
|
TSB81BA3EIZAJ データシート(PDF) 10 Page - Texas Instruments |
|
|
TSB81BA3EIZAJ データシート(HTML) 10 Page - Texas Instruments |
10 / 58 page TSB81BA3E SLLS783A – MAY 2009 – REVISED MAY 2010 www.ti.com TERMINAL FUNCTIONS (continued) TERMINAL PFP ZAJ DESCRIPTION PACKAGE PACKAGE NAME TYPE NO. NO. I/O Link power status input. This terminal monitors the active/power status of the link-layer controller (LLC) and controls the state of the PHY-LLC interface. This terminal must be connected to either the VDD supplying the LLC through an approximately 1-k Ω resistor or to a pulsed output that is active when the LLC is powered. A pulsed signal must be used when an isolation barrier exists between the LLC and PHY (see Figure 8). The LPS input is considered inactive if it is sampled low by the PHY for more than an LPS_RESET time (~2.6 ms), and is considered active otherwise (that is, asserted steady high or an oscillating signal with a low time less than 2.6 ms). The LPS input must be high for at least 22 ns to be observed as high by the PHY. LPS CMOS 80 D3 I When the TSB81BA3E detects that the LPS input is inactive, it places the PHY-LLC interface into a low-power reset state. In the reset state, the CTL (CTL0 and CTL1) and D (D0 to D7) outputs are held in the logic 0 state and the LREQ input is ignored; however, the PCLK output remains active. If the LPS input remains low for more than an LPS_DISABLE time (~26 ms), then the PHY-LLC interface is put into a low-power disabled state in which the PCLK output is also held inactive. The LLC state that is communicated in the self-ID packet is considered active only if both the LPS input is active and the LCtrl register bit is set to 1. The LLC state that is communicated in the self-ID packet is considered inactive if either the LPS input is inactive or the LCtrl register bit is cleared to 0. LLC request input. The LLC uses this input to initiate a service request to LREQ CMOS 3 E1 I the TSB81BA3E. A bus holder is built into this terminal. Power class programming inputs. On hardware reset, these inputs set the PC0 66 C11 default value of the power class indicated during self-ID. Programming is PC1 CMOS 67 A9 I done by tying the terminals high through a 1-k Ω or smaller resistor or by PC2 68 B8 tying directly to ground through a 1-k Ω or smaller resistor. Bus holders are built into these terminals. PHY clock. Provides a 98.304-MHz clock signal, synchronized with data transfers, to the LLC when the PHY-link interface is operating in the 1394b PCLK CMOS 5 F2 O mode (BMODE asserted). PCLK output provides a 49.152-MHz clock signal, synchronized with data transfers, to the LLC when the PHY-link interface is in legacy 1394a-2000 (BMODE input deasserted). Power-down input. A high on this terminal turns off all internal circuitry except the cable-active monitor circuits, which control the CNA output. PD CMOS 77 B3 I Asserting the PD input high also activates an internal pulldown on the RESET terminal to force a reset of the internal control logic. PHY interrupt. The PHY uses this output to serially transfer status and PINT CMOS 1 E3 O interrupt information to the link when PHY-link interface is in the 1394b mode. A bus holder is built into this terminal. PLL circuit ground terminals. These terminals must be tied together to the PLLGND Supply 25, 28 F8, N4 – low-impedance circuit board ground plane. PLL core circuit power terminals. A combination of high-frequency decoupling capacitors near each terminal is suggested, such as paralleled PLLVDD- 0.1 mF and 0.001 mF. An additional 1-mF capacitor is required for voltage Supply 29, 30 N6 – CORE regulation. The PLLVDD-CORE terminals must be separate from the DVDD-CORE terminals. These supply terminals are separated from the DVDD-CORE, DVDD-3. 10 Submit Documentation Feedback Copyright © 2009–2010, Texas Instruments Incorporated Product Folder Link(s): TSB81BA3E |
同様の部品番号 - TSB81BA3EIZAJ |
|
同様の説明 - TSB81BA3EIZAJ |