データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2851N データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC2851N
部品情報  All Control, Driving, Monitoring, and Protection Functions Included
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC2851N データシート(HTML) 1 Page - Texas Instruments

  UC2851N Datasheet HTML 1Page - Texas Instruments UC2851N Datasheet HTML 2Page - Texas Instruments UC2851N Datasheet HTML 3Page - Texas Instruments UC2851N Datasheet HTML 4Page - Texas Instruments UC2851N Datasheet HTML 5Page - Texas Instruments UC2851N Datasheet HTML 6Page - Texas Instruments UC2851N Datasheet HTML 7Page - Texas Instruments UC2851N Datasheet HTML 8Page - Texas Instruments UC2851N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UC1851
UC2851
UC3851
Programmable, Off-Line, PWM Controller
FEATURES
All Control, Driving, Monitoring, and Protection
Functions Included
Low-Current Off Line Start Circuit
Voltage Feed Forward or Current Mode Control
High Current Totem Pole Output
50% Absolute Max Duty Cycle
PWM Latch for Single Pulse Per Period
Pulse-by-Pulse Current Limiting plus Shutdown
for Over-Current Fault
No Start-Up or Shutdown Transients
Slow Turn-On Both Initially and After Fault
Shutdown
Shutdown Upon Over or Under Voltage Sensing
Latch Off or Continuous Retry After Fault
1% Reference Accuracy
500kHz Operation
18 Pin DIL or 20 Pin PLCC Package
DESCRIPTION
The UC1851 family of PWM controllers are optimized for off-
line primary side control. These devices include a high current
totem pole output stage and a toggle flip-flop for absolute 50%
duty cycle limiting. In all other respects this line of controllers is
pin for pin compatible with the UC1841 series. Inclusion of all
major housekeeping functions in these high performance con-
trollers makes them ideal for use in cost sensitive applications.
Important features of these controllers include low current
start-up, linear feed-forward for constant volt-second operation,
and compatibility with both voltage or current mode control. In
addition, these devices include a programmable start thresh-
old, as well as programmable over-voltage, under-voltage, and
over current fault thresholds. The fault latch on these devices
can be configured for automatic restart, or latched off response
to a fault.
These devices are packaged in 18-pin plastic or ceramic dual-
in-line packages, or for surface mount applications, a 20 Pin
PLCC. The UC1851 is characterized for -55
°C to +125°C op-
eration while the UC2851 and UC3851 are designed for -40
°C
to +85
°C and 0°C to +70°C, respectively.
BLOCK DIAGRAM
10/94


同様の部品番号 - UC2851N

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2851N TI1-UC2851N Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC2851NG4 TI1-UC2851NG4 Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
More results

同様の説明 - UC2851N

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
NLA-PM100D ETC2-NLA-PM100D Datasheet
145Kb / 2P
   Multi-functions Power Monitoring and Control Terminal
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Texas Instruments
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com