データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSB43DA42PGF データシート(PDF) 1 Page - Texas Instruments

部品番号 TSB43DA42PGF
部品情報  IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TSB43DA42PGF データシート(HTML) 1 Page - Texas Instruments

  TSB43DA42PGF Datasheet HTML 1Page - Texas Instruments TSB43DA42PGF Datasheet HTML 2Page - Texas Instruments TSB43DA42PGF Datasheet HTML 3Page - Texas Instruments TSB43DA42PGF Datasheet HTML 4Page - Texas Instruments TSB43DA42PGF Datasheet HTML 5Page - Texas Instruments TSB43DA42PGF Datasheet HTML 6Page - Texas Instruments TSB43DA42PGF Datasheet HTML 7Page - Texas Instruments TSB43DA42PGF Datasheet HTML 8Page - Texas Instruments TSB43DA42PGF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
TSB43DA42, TSB43DB42
SLLS560 – FEBRUARY 2007
IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
• 1394 Features
SRAM-Like 16-Bit Asynchronous Interface
(Supports External DMA Only)
Integrated 400/200/100 Mbps 2-Port PHY
PCI Interface (33 MHz) Compliant to PCI
Compliant to IEEE 1394-1995 and IEEE
Specification Version 2.2 (Supports PCI
1394a-2000 Standards
Slave and Master Function)
Supports Bus Manager Functions and
• Data Buffers
Automatic 1394 Self-ID Verification
3x 4K Byte Isochronous Buffers for Audio
Separate Asyncchronous Ack FIFOs
and Video Data
Decrease the Ack-Tracking Burden on
External CPU
2x 2K Byte Asynchronous/Asynchronous
Stream Transmit Buffers
• DTLA Encryption Support for MPEG2-DVB,
DSS, and Audio Data (TSB43DA42 Only)
2x 2K Byte Asynchronous/Asynchronous
Stream Receive Buffers
Support for up to Three
Encrypted/Decrypted Streams at One Time
1x 1K Byte Self-ID Buffer
Full Ake Performed With Hardware Assist
Insertion Buffers for MPEG2 Packet
Insertion (DAT, PMT, SIT, and DIT)
Secure Method for Loading DTLA
Information Using Ex-CPU Interface
Programmable Data/Space Available
Indicators for Buffer Flow Control
• Audio and Video Interfaces
• Hardware Packet Formatting for the Following
Three Configurable High-Speed Data Ports
Standards
for Video Data
IEC61883-1 (General)
Two Ports Configurable as Parallel or
Serial
IEC61883-2 (SD-DVCR)
One Port Serial Only
IEC61883-4 (MPEG2-TS)
Two Interfaces for Audio Data (Only One
IEC61883-6 (Audio and Music)
Audio Stream Supported at a Time)
IEC61883-7 (ITU-R BO.1294 System B) –
60958 Port
DSS
I2S-Style DAC Interface for PCM Data
Asynchronous Packets
(Two Channel)
Asynchronous Streams
Pass-Through Modes for HSDI0 and HSDI1
PHY Packets (Including Self-IDs)
Packet Insertion – Two Insertion Buffers
• Additional Features
per HSDI
JTAG Interface to Support Post-Assembly
PID Filtering (32 PID Filters per HSDI Port)
Scan of Device I/O – Boundary Scan
• External CPU Interfaces
Unique Binding Method for Protecting
Motorola 68K-Style 16-Bit Asynchronous
Sensitive Off-Chip Data From Ex-CPU
Interface (Supports External DMA Only)
Interface
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TSB43DA42PGF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB43DA42PGF TI-TSB43DA42PGF Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42PGF TI-TSB43DA42PGF Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
More results

同様の説明 - TSB43DA42PGF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42 TI-TSB43CA42 Datasheet
1Mb / 97P
[Old version datasheet]   TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com