データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U15P4YZQE データシート(PDF) 11 Page - C&K Components

部品番号 U15P4YZQE
部品情報  Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

U15P4YZQE データシート(HTML) 11 Page - C&K Components

Back Button U15P4YZQE Datasheet HTML 6Page - C&K Components U15P4YZQE Datasheet HTML 7Page - C&K Components U15P4YZQE Datasheet HTML 8Page - C&K Components U15P4YZQE Datasheet HTML 9Page - C&K Components U15P4YZQE Datasheet HTML 10Page - C&K Components U15P4YZQE Datasheet HTML 11Page - C&K Components U15P4YZQE Datasheet HTML 12Page - C&K Components U15P4YZQE Datasheet HTML 13Page - C&K Components U15P4YZQE Datasheet HTML 14Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
F–13
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
Dim ‘A’
Actuator Shown In Pos. 1
Snap-In
PC MOUNTING
V2, V6, V7, V8
VERTICAL MOUNT, V-BRACKET
V21, V61, V71, V81
VERTICAL MOUNT, V-BRACKET, SNAP-IN
7201MD9__BE
DPDT
Not available with I seal option.
V2, V21
.555 (14,10)
V6, V61
.460 (11,68)
V7, V71
.630 (16,00)
V8, V81
.953 (24,21)
DIM ‘A’
OPTION
CODE
7000 Series
Miniature Toggle Switches
TERMINATIONS
PC MOUNTING
Dim ‘A’
Actuator Shown In Pos. 1
Snap-In
PC MOUNTING
Dim ‘A’
Actuator Shown In Pos. 1
Snap-In
V2, V7, V8
VERTICAL MOUNT, V-BRACKET
V2, V7, V8
VERTICAL MOUNT, V-BRACKET
V21, V71, V81
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V21, V71, V81
VERTICAL MOUNT, V-BRACKET, SNAP-IN
7301MD9__BE
3PDT
7401MD9__BE
4PDT
Not available with I seal option.
Not available with I seal option.
V2, V21
.555 (14,10)
V7, V71
.630 (16,00)
V8, V81
.953 (24,21)
DIM ‘A’
OPTION
CODE
V2, V21
.555 (14,10)
V7, V71
.630 (16,00)
V8, V81
.953 (24,21)
DIM ‘A’
OPTION
CODE


同様の部品番号 - U15P4YZQE

メーカー部品番号データシート部品情報
logo
C&K Components
U15 CK-COMPONENTS-U15 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Ferroxcube Internationa...
U15-11-6 FERROXCUBE-U15-11-6 Datasheet
52Kb / 4P
   U, I cores and accessories
logo
Intronics Power, Inc.
U15-12D12 INTRONICS-U15-12D12 Datasheet
182Kb / 1P
   DC/DC MODULES
U15-12D15 INTRONICS-U15-12D15 Datasheet
182Kb / 1P
   DC/DC MODULES
U15-12D5 INTRONICS-U15-12D5 Datasheet
182Kb / 1P
   DC/DC MODULES
More results

同様の説明 - U15P4YZQE

メーカー部品番号データシート部品情報
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com