データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZU62ADG データシート(PDF) 8 Page - NXP Semiconductors

部品番号 PZU62ADG
部品情報  Single Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU62ADG データシート(HTML) 8 Page - NXP Semiconductors

Back Button PZU62ADG Datasheet HTML 4Page - NXP Semiconductors PZU62ADG Datasheet HTML 5Page - NXP Semiconductors PZU62ADG Datasheet HTML 6Page - NXP Semiconductors PZU62ADG Datasheet HTML 7Page - NXP Semiconductors PZU62ADG Datasheet HTML 8Page - NXP Semiconductors PZU62ADG Datasheet HTML 9Page - NXP Semiconductors PZU62ADG Datasheet HTML 10Page - NXP Semiconductors PZU62ADG Datasheet HTML 11Page - NXP Semiconductors PZU62ADG Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PZUXBA_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 September 2008
8 of 14
NXP Semiconductors
PZUxBA series
Single Zener diodes
Tj =25 °C (prior to surge)
Tj =25 °C
Fig 1.
Non-repetitive peak reverse power dissipation
as a function of pulse duration; maximum
values
Fig 2.
Forward current as a function of forward
voltage; typical values
Tj =25 °C to 150 °C
VZ = 2.4 V to 4.3 V
Tj =25 °C to 150 °C
VZ = 4.7 V to 12 V
Fig 3.
Temperature coefficient as a function of
working current; typical values
Fig 4.
Temperature coefficient as a function of
working current; typical values
006aab215
102
10
103
PZSM
(W)
1
tp (s)
10−4
10−2
10−3
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0
060
0
−2
−3
−1
mgl273
20
40
IZ (mA)
SZ
(mV/K)
4.3
3.9
3.6
3.3
3.0
2.4
2.7
020
16
10
0
−5
5
mgl274
48
12
IZ (mA)
SZ
(mV/K)
4.7
12
11
10
9.1
8.2
7.5
6.8
6.2
5.6
5.1


同様の部品番号 - PZU62ADG

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
PZU6.2 NEXPERIA-PZU6.2 Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
PZU6.2A NEXPERIA-PZU6.2A Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
PZU6.2A-Q NEXPERIA-PZU6.2A-Q Datasheet
281Kb / 12P
   Single Zener diodes
Rev. 1 - 10 August 2022
PZU6.2A/DG NEXPERIA-PZU6.2A/DG Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
logo
NXP Semiconductors
PZU6.2B PHILIPS-PZU6.2B Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
More results

同様の説明 - PZU62ADG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com