データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3325 データシート(PDF) 1 Page - NEC

部品番号 2SK3325
部品情報  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

2SK3325 データシート(HTML) 1 Page - NEC

  2SK3325 Datasheet HTML 1Page - NEC 2SK3325 Datasheet HTML 2Page - NEC 2SK3325 Datasheet HTML 3Page - NEC 2SK3325 Datasheet HTML 4Page - NEC 2SK3325 Datasheet HTML 5Page - NEC 2SK3325 Datasheet HTML 6Page - NEC 2SK3325 Datasheet HTML 7Page - NEC 2SK3325 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999, 2000
MOS FIELD EFFECT TRANSISTOR
2SK3325
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
D14264EJ1V0DS00 (1st edition)
Date Published
May 2000 NS CP(K)
Printed in Japan
DESCRIPTION
The 2SK3325 is N-Channel DMOS FET device that features
a low gate charge and excellent switching characteristics, and
designed for high voltage applications such as switching power
supply, AC adapter.
FEATURES
• Low gate charge:
QG = 22 nC TYP. (VDD = 400 V, VGS = 10 V, ID = 10 A)
• Gate voltage rating: ±30 V
• Low on-state resistance
RDS(on) = 0.85
Ω MAX. (VGS = 10 V, ID = 5.0 A)
• Avalanche capability ratings
• TO-220AB, TO-262, TO-263 package
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
500
V
Gate to Source Voltage (VDS = 0 V)
VGSS(AC)
±30
V
Drain Current (DC)
ID(DC)
±10
A
Drain Current (pulse)
Note1
ID(pulse)
±40
A
Total Power Dissipation (TC = 25°C)
PT
85
W
Total Power Dissipation (TA = 25°C)
PT
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
10
A
Single Avalanche Energy
Note2
EAS
10.7
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1 %
2. Starting Tch = 25 °C, VDD = 150 V, RG = 25
Ω, VGS = 20 V ¡ 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3325
TO-220AB
2SK3325-S
TO-262
2SK3325-ZJ
TO-263
(TO-220AB)
(TO-262)
(TO-263)


同様の部品番号 - 2SK3325

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SK3325 KEXIN-2SK3325 Datasheet
43Kb / 2P
   MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3325 ISC-2SK3325 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3325 RENESAS-2SK3325 Datasheet
244Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
Inchange Semiconductor ...
2SK3325-S ISC-2SK3325-S Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3325-S RENESAS-2SK3325-S Datasheet
244Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

同様の説明 - 2SK3325

メーカー部品番号データシート部品情報
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com