データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6370Q データシート(PDF) 4 Page - STMicroelectronics

部品番号 L6370Q
部品情報  2.5 A single high-side smart power switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370Q データシート(HTML) 4 Page - STMicroelectronics

  L6370Q Datasheet HTML 1Page - STMicroelectronics L6370Q Datasheet HTML 2Page - STMicroelectronics L6370Q Datasheet HTML 3Page - STMicroelectronics L6370Q Datasheet HTML 4Page - STMicroelectronics L6370Q Datasheet HTML 5Page - STMicroelectronics L6370Q Datasheet HTML 6Page - STMicroelectronics L6370Q Datasheet HTML 7Page - STMicroelectronics L6370Q Datasheet HTML 8Page - STMicroelectronics L6370Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Block diagram and pin description
L6370Q
4/17
DocID022313 Rev 2
1.1
Pin description
Table 2. Pin description
Pin
Name
Description
1
OUTPUT
High-side output with built-in current limitation
2
OUTPUT
High-side output with built-in current limitation
3
NC
Not connected
4
ON-DELAY
Programmable on-time interval duration during short-circuit operation
5VS
Supply voltage input, the value of the supply voltage is monitored to
detect undervoltage conditions
6VS
Supply voltage input, the value of the supply voltage is monitored to
detect undervoltage conditions
7VS
Supply voltage input, the value of the supply voltage is monitored to
detect undervoltage conditions
8VS
Supply voltage input, the value of the supply voltage is monitored to
detect undervoltage conditions
9
NC
Not connected
10
OUTPUT
High-side output with built-in current limitation
11
OUTPUT
High-side output with built-in current limitation
12
NC
Not connected
13
NC
Not connected
14
NC
Not connected
15
NC
Not connected
16
NC
Not connected
17
NC
Not connected
18
NC
Not connected
19
NC
Not connected
20
NC
Not connected
21
NC
Not connected
22
RSC
Current limitation settings
23
NC
Not connected
24
NC
Not connected
25
NC
Not connected
26
NC
Not connected
27
NC
Not connected
28
DIAG1
DIAGNOSTIC1 output. This open drain reports the IC working
conditions (seeTable 6)


同様の部品番号 - L6370Q

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6370Q STMICROELECTRONICS-L6370Q Datasheet
270Kb / 16P
   2.5 A single high-side smart power switch
More results

同様の説明 - L6370Q

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6370Q STMICROELECTRONICS-L6370Q Datasheet
270Kb / 16P
   2.5 A single high-side smart power switch
logo
Infineon Technologies A...
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
   Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
logo
Texas Instruments
TPS1HC100B-Q1 TI-TPS1HC100B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   TPS1HC100-Q1, 100-m廓, 2.5-A Single-Channel Smart High-Side Switch
JULY 2021
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com