データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

224908 データシート(PDF) 1 Page - ERNI Electronics

部品番号 224908
部品情報  CCCS M12, 4pin / M12, 4pin
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ERNI [ERNI Electronics]
ホームページ  http://www.erni.com
Logo ERNI - ERNI Electronics

224908 データシート(HTML) 1 Page - ERNI Electronics

  224908 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
75 ±25 2,95 ±1,00
5
1
4
2
3
1
2
4
3
5
Ansicht: Steckgesicht; Kontaktbelegung /
View: mating face; pin assignment
4
Litze braun (+)
flexible conductor brown (+)
Litze weiss (Ö)
flexible conductor white (O)
Litze schwarz (S)
flexible conductor black (S)
Litze blau (-)
flexible conductor blue (-)
1
2
4
3
1
2
3
Kabelaufdruck (Bsp.)
in]
mm [78,74
Cable imprint (e.g.)
+4
ERNI XXXXXX PUR 4x0.34 422006
[in]
31 g
Artikel-Nr.
Part No.
Leitungslänge (A)
Cable length (A)
Kupfer-
gewicht
Copper
weight
Kabelmantel
Jacket
material
Außendurchmesser
Jacket diameter
Aderisolation
Wire isolation
Zul. Temp.-Bereich
für Kabel
Permissable temp.
for cable
300 +30 mm [11.81 +1,2 in]
6 g
PUR
(UL/CSA
4,7 mm 5%
[0.185 in 5%]
PP
-25... +80 °C
600 +60 mm [23.62 +2,4 in]
10 g
223791
1.000 +100 mm [39.37 +4 in]
16 g
1.500 +100 mm [59.05 +4 in]
23 g
2.000 +100 mm [78,74 +4 in]
31 g
300 +30 mm [11.81 +1,2 in]
6 g
PVC
5,2 mm 5%
[0.205 in 5%]
PVC
-5... +70 °C
600 +60 mm [23.62 +2,4 in]
10 g
223790
1.000 +100 mm [39.37 +4 in]
16 g
1.500 +100 mm [59.05 +4 in]
23 g
2.000 +100
Index
Date
-
25.05.2007
Technical sketch
TECHNISCHE SKIZZE /
STROMLAUFPLAN /
Schematic diagram
BAUTEILE / FERTIGUNGSHINWEISE
Piece parts / Manufacturing notices
- Kabelaufdruck mittels Tintenstrahldrucker entspr. Techn. Skizze
Cable imprint with ink-jet printer see technical sketch
- Gute Chemikalien- und Ölbeständigkeit (Ölbeständigkeit gilt nicht für den
Einsatz mit PVC-Kabel). Beim Einsatz aggressiver Medien ist die
Materialbeständigkeit applikationsbezogen zu überprüfen.
Good chemical and oil resistance (parts with PVC-cable are not restistant).
When using agressive media, material resistance based on application
must be checked.
prior notice.
contact one of the ERNI companies
224908
CCCS M12, 4pin / M12, 4pin
CCCS
A-coding
1:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
www.ERNI.com
Subject to modification without
A3
Designation
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
I
ERNI Art.-Nr.
Part No.
Production date
e.g.: KW42 2006
1,62
41
See table A
1,56
40
15 0,59
Kennzeichnungsträger
label holder
SPECIFICATIONS Circular Connector
T e chni cal Sp e cificatio ns
Standard applic.
Value
Ele ctrical Data
Standard ap plic.
Value
Housing:
Rated (nominal) voltage; max.
IEC 61-076-2-101
250 V AC/DC
Rated current; per contact, max. IEC 61-076-2-101
4 A
Pin assignment:
4 pin
Rated impulse voltage
IEC 61-076-2-101
2,5 kV
Coding:
A-coding
Connection:
App ro vals
Protection class
LED:
-
(mated and locked) IEC 60529
IP67
Packaging:
1 piece per bag
Pollution degree
3
Insulation category
IEC 60664-1
I
Mate ri als & Fi ni sh
RoHS compliant
Yes
Contact material:
a) male
Standard description CuZn39Pb3F50
b) female
Standard description CuNi2Si HV160U
Contact finish, mating zone:
a) male
Thickness of plating 0,5 µm Au over 2 µm Ni
b) female
Thickness of plating 0,8 µm Au (partial)
Screw material:
Standard description Zinc pressure die casting
Screw plating:
Standard description Ni 4-6 µm
Cab le (ad d i ti o nal i nfo se e tab le )
Jacket color
black
Conductor cross-section
4 x 0,34 mm
2
Bending radius min.
10 x jacket diameter
Screw locking
M12x1mm (0,6 Nm)
M12 male, straight, black -
M12 female, angled, black


同様の部品番号 - 224908

メーカー部品番号データシート部品情報
logo
ERNI Electronics
224901 ERNI-224901 Datasheet
42Kb / 1P
   CCCS M12, 4pin / M12, 4pin
224902 ERNI-224902 Datasheet
36Kb / 1P
   CCCS M12, 4pin / pigtail
224903 ERNI-224903 Datasheet
36Kb / 1P
   CCCS M12, 4pin / pigtail
224904 ERNI-224904 Datasheet
35Kb / 1P
   CCCS M12, 4pin / pigtail
224905 ERNI-224905 Datasheet
35Kb / 1P
   CCCS M12, 4pin / pigtail
More results

同様の説明 - 224908

メーカー部品番号データシート部品情報
logo
ERNI Electronics
324089 ERNI-324089 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
224901 ERNI-224901 Datasheet
42Kb / 1P
   CCCS M12, 4pin / M12, 4pin
224907 ERNI-224907 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
354167 ERNI-354167 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
324088 ERNI-324088 Datasheet
36Kb / 1P
   CCCS M12, 4pin
224905 ERNI-224905 Datasheet
35Kb / 1P
   CCCS M12, 4pin / pigtail
224906 ERNI-224906 Datasheet
37Kb / 1P
   CCCS M12, 4pin / pigtail
224902 ERNI-224902 Datasheet
36Kb / 1P
   CCCS M12, 4pin / pigtail
224903 ERNI-224903 Datasheet
36Kb / 1P
   CCCS M12, 4pin / pigtail
224904 ERNI-224904 Datasheet
35Kb / 1P
   CCCS M12, 4pin / pigtail
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com