データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6583 データシート(PDF) 10 Page - Texas Instruments

部品番号 LMH6583
部品情報  LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6583 データシート(HTML) 10 Page - Texas Instruments

Back Button LMH6583_14 Datasheet HTML 6Page - Texas Instruments LMH6583_14 Datasheet HTML 7Page - Texas Instruments LMH6583_14 Datasheet HTML 8Page - Texas Instruments LMH6583_14 Datasheet HTML 9Page - Texas Instruments LMH6583_14 Datasheet HTML 10Page - Texas Instruments LMH6583_14 Datasheet HTML 11Page - Texas Instruments LMH6583_14 Datasheet HTML 12Page - Texas Instruments LMH6583_14 Datasheet HTML 13Page - Texas Instruments LMH6583_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
-50 -40 -30 -20 -10
0
10 20 30 40 50
-1.5
-1
-0.5
0
0.5
1
TIME (ns)
-1
0
1
2
3
4
3.5
2.5
1.5
0.5
-0.5
ENABLE TO DISABLE
DISABLE TO ENABLE
CFG
FREQUENCY (MHz)
0.1
1
10
100
1000
1
10
100
1000
10000
-1.5
-1.25
-1
-0.75
-2.25
-2
-1.75
-1.5
-1.25
INPUT VOLTAGE (V)
25°C
-40°C
100°C
VS = ±3.3V
100: LOAD
FREQUENCY (MHz)
0.1
1
10
100
1000
0.1
1
10
100
1000
0.75
1
1.25
1.5
1.25
1.5
1.75
2
2.25
INPUT VOLTAGE (V)
25°C
-40°C
100°C
VS = ±3.3V
100: LOAD
-2
-1
0
1
2
INPUT VOLTAGE (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
VS = ±3.3V
NO LOAD
LMH6583
SNOSAP5E – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
No Load Output Swing
Positive Swing over Temperature
Figure 27.
Figure 28.
Negative Swing over Temperature
Enabled Output Impedance
Figure 29.
Figure 30.
Disabled Output Impedance
Switching Time
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH6583


同様の部品番号 - LMH6583_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6583YA NSC-LMH6583YA Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Texas Instruments
LMH6583YA/NOPB TI1-LMH6583YA/NOPB Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
More results

同様の説明 - LMH6583_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com