データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6580 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMH6580
部品情報  8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6580 データシート(HTML) 7 Page - Texas Instruments

Back Button LMH6580 Datasheet HTML 3Page - Texas Instruments LMH6580 Datasheet HTML 4Page - Texas Instruments LMH6580 Datasheet HTML 5Page - Texas Instruments LMH6580 Datasheet HTML 6Page - Texas Instruments LMH6580 Datasheet HTML 7Page - Texas Instruments LMH6580 Datasheet HTML 8Page - Texas Instruments LMH6580 Datasheet HTML 9Page - Texas Instruments LMH6580 Datasheet HTML 10Page - Texas Instruments LMH6580 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
0.1
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +5V
V
-
= -5V
VOUT = 1 VPP
RL = 1 k:
0.1
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +3.3V
V
-
= -3.3V
VOUT = 1 VPP
RL = 1 k:
0.1
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +5V
V
-
= -5V
VOUT = 1 VPP
RL = 150:
0.1
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +3.3V
V
-
= -3.3V
VOUT = 1 VPP
RL = 150:
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +5V
V
-
= -5V
VOUT = 1 VPP
RL = 150:
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +3.3V
V
-
= -3.3V
VOUT = 1 VPP
RL = 150:
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS LMH6580
1 VPP Frequency Response
1 VPP Frequency Response
Figure 1.
Figure 2.
1 VPP Frequency Response Broadcast
1 VPP Frequency Response Broadcast
Figure 3.
Figure 4.
Frequency Response 1 k
Ω Load
Frequency Response 1k
Ω Load
Figure 5.
Figure 6.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6580 LMH6581


同様の部品番号 - LMH6580

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6580VS NSC-LMH6580VS Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
More results

同様の説明 - LMH6580

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
logo
Texas Instruments
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com