データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3355 データシート(PDF) 2 Page - NEC

部品番号 2SK3355
部品情報  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

2SK3355 データシート(HTML) 2 Page - NEC

  2SK3355 Datasheet HTML 1Page - NEC 2SK3355 Datasheet HTML 2Page - NEC 2SK3355 Datasheet HTML 3Page - NEC 2SK3355 Datasheet HTML 4Page - NEC 2SK3355 Datasheet HTML 5Page - NEC 2SK3355 Datasheet HTML 6Page - NEC 2SK3355 Datasheet HTML 7Page - NEC 2SK3355 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14132EJ2V0DS00
2
2SK3355
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 42 A4.6
5.8
m
RDS(on)2
VGS = 4.0 V, ID = 42 A6.1
8.8
m
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 42 A39
77
S
Drain Leakage Current
IDSS
VDS = 60 V, VGS = 0 V10
µA
Gate to Source Leakage Current
IGSS
VGS = ±20 V, VDS = 0 V
±10
µA
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
9800
pF
Output Capacitance
Coss
1500
pF
Reverse Transfer Capacitance
Crss
630
pF
Turn-on Delay Time
td(on)
ID = 42 A, VGS(on) = 10 V, VDD = 30 V,
130
ns
Rise Time
tr
RG = 10
1450
ns
Turn-off Delay Time
td(off)
510
ns
Fall Time
tf
510
ns
Total Gate Charge
QG
ID = 83 A , VDD = 48 V, VGS = 10 V
170
nC
Gate to Source Charge
QGS
28
nC
Gate to Drain Charge
QGD
46
nC
Body Diode Forward Voltage
VF(S-D)
IF = 83 A, VGS = 0 V0.99
V
Reverse Recovery Time
trr
IF = 83 A, VGS = 0 V,
64
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
130
nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
50
PG.
L
VDD
VGS = 20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
10 %
90 %
VGS(on)
10 %
0
ID
90 %
90 %
td(on)
tr td(off)
tf
10 %
τ
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA


同様の部品番号 - 2SK3355

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SK3355 KEXIN-2SK3355 Datasheet
45Kb / 1P
   MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3355 ISC-2SK3355 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3355 RENESAS-2SK3355 Datasheet
222Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
Inchange Semiconductor ...
2SK3355-S ISC-2SK3355-S Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3355-S RENESAS-2SK3355-S Datasheet
222Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

同様の説明 - 2SK3355

メーカー部品番号データシート部品情報
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com