データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1973 データシート(PDF) 5 Page - Texas Instruments

部品番号 LM1973
部品情報  LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1973 データシート(HTML) 5 Page - Texas Instruments

  LM1973 Datasheet HTML 1Page - Texas Instruments LM1973 Datasheet HTML 2Page - Texas Instruments LM1973 Datasheet HTML 3Page - Texas Instruments LM1973 Datasheet HTML 4Page - Texas Instruments LM1973 Datasheet HTML 5Page - Texas Instruments LM1973 Datasheet HTML 6Page - Texas Instruments LM1973 Datasheet HTML 7Page - Texas Instruments LM1973 Datasheet HTML 8Page - Texas Instruments LM1973 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM1973
www.ti.com
SNAS093B – DECEMBER 1994 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs
Supply Current vs
Supply Voltage
Temperature
Figure 4.
Figure 5.
Noise Floor Spectrum by FFT
THD
Amplitude
vs
vs
Freq by FFT
Frequency
VDD − VSS = 12V
Figure 6.
Figure 7.
THD
vs
VOUT at
1 kHz by FFT
VDD − VSS = 12V
Crosstalk Test
Figure 8.
Figure 9.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1973


同様の部品番号 - LM1973

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973 TI1-LM1973 Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
logo
National Semiconductor ...
LM1973M NSC-LM1973M Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973M/NOPB TI1-LM1973M/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
LM1973MX/NOPB TI1-LM1973MX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
More results

同様の説明 - LM1973

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973 TI1-LM1973_16 Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
logo
National Semiconductor ...
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
   3 Channel 30W Audio Power Amplifier with Mute
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
[Old version datasheet]   3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4734 NSC-LM4734 Datasheet
1Mb / 24P
   3 Channel 20W Audio Power Amplifier with Mute and Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com