データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-070L-500E データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-070L-500E
部品情報  Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-070L-500E データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-070L-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-070L-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Ordering Information
HCPL-270L, HCPL-273L, HCPL-070L and HCPL-073L are UL Recognized with 3750 Vrms for 1 minute per UL1577 and
are approved under CSA Component Acceptance Notice #5, File CA 88324.
Option
Part
RoHS
nonRoHS
Surface
Gull
Tape
UL5000Vrms/
IEC/EN/DIN
Number
Compliant
Compliant
Package
Mount
Wing
&Reel
1Minuterating
EN60747-5-2
Quantity
-000E
no option
300 mil DIP-8
50 per tube
HCPL-270L -300E
-300
X
X
50 per tube
HCPL-273L -500E
-500
X
X
X
1000 per reel
-060E
-060
X
100 per tube
-560E
-560
X
X
X
X
1500 per reel
-000E
no option
SO-8
X
100 per tube
HCPL-070L -500E
-500
X
X
1500 per reel
HCPL-073L -060E
-060
X
X
100 per tube
-560E
-560
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-273L-500E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with
IEC/EN/DIN EN 60747-5-2 Safety Approval and RoHS compliant.
Example 2:
HCPL-273L to order product of 300 mil DIP package in Tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and
RoHS compliant will use ‘–XXXE.’


同様の部品番号 - HCPL-070L-500E

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-070L HP-HCPL-070L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070L AVAGO-HCPL-070L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
More results

同様の説明 - HCPL-070L-500E

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com