データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A4594 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A4594
部品情報  SINGLE-CHANNEL 8- SPST ANALOG SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A4594 データシート(HTML) 1 Page - Texas Instruments

  TS5A4594 Datasheet HTML 1Page - Texas Instruments TS5A4594 Datasheet HTML 2Page - Texas Instruments TS5A4594 Datasheet HTML 3Page - Texas Instruments TS5A4594 Datasheet HTML 4Page - Texas Instruments TS5A4594 Datasheet HTML 5Page - Texas Instruments TS5A4594 Datasheet HTML 6Page - Texas Instruments TS5A4594 Datasheet HTML 7Page - Texas Instruments TS5A4594 Datasheet HTML 8Page - Texas Instruments TS5A4594 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TS5A4594
SINGLE-CHANNEL 8-
W SPST ANALOG SWITCH
SCDS179 – FEBRUARY 2005
Description
The TS5A4594 is a single-pole single-throw (SPST)
analog switch that is designed to operate from 2 V to
5.5 V. This device can handle both digital and analog
signals, and signals up to V+ can be transmitted in either
direction.
Applications
D Sample-and-Hold Circuits
D Battery-Powered Equipment
(Cellular Phones, PDAs)
D Audio and Video Signal Routing
D Communication Circuits
D PCMCIA Cards
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
3
4
5
COM
NO
GND
IN
V+
FUNCTION TABLE
IN
NO TO COM,
COM TO NO
L
OFF
H
ON
Features
D Low ON-State Resistance (8 W)
D ON-State Resistance Flatness (1.5 W)
D Control Inputs Are 5.5-V Tolerant
D Low Charge Injection (5 pC Max)
D 450-MHz −3-dB Bandwidth at 255C
D Low Total Harmonic Distortion (THD) (0.04%)
D 2-V to 5.5-V Single-Supply Operation
D Specified at 5-V and 3.3-V Nodes
D −82-dB OFF-Isolation at 1 MHz
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D 0.5-nA Max OFF Leakage
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D TTL/CMOS-Logic Compatible
Summary of Characteristics
V+ = 5 V, TA = 25°C
Configuration
Single Pole
Single Throw
(SPST)
Number of channels
1
ON-state resistance (ron)
8
Ω
ON-state resistance flatness (ron(flat))
1.5
Ω
Turn-on/turn-off time (tON/tOFF)
17 ns/14 ns
Charge injection (QC)
5 pC
Bandwidth (BW)
450 MHz
OFF isolation (OISO)
−82 dB at 1 MHz
Total harmonic distortion (THD)
0.04%
Leakage current (ICOM(OFF)/INO(OFF))
±0.5 nA
Power-supply current (I+)
0.25
μA
Package option
5-pin SOT-23 or SC-70
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
40
°Cto85°C
SOT (SOT-23) − DBV
Tape and reel
TS5A4594DBVR
JSA_
−40
°C to 85°C
SOT (SC−70) − DCK
Tape and reel
TS5A4594DCKR
JS_
(1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package.
(2) DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
© 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


同様の部品番号 - TS5A4594

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4594DBVR TI-TS5A4594DBVR Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594DBVR TI-TS5A4594DBVR Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4594DBVRE4 TI-TS5A4594DBVRE4 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com