データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A3159A データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A3159A
部品情報  1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3159A データシート(HTML) 1 Page - Texas Instruments

  TS5A3159A Datasheet HTML 1Page - Texas Instruments TS5A3159A Datasheet HTML 2Page - Texas Instruments TS5A3159A Datasheet HTML 3Page - Texas Instruments TS5A3159A Datasheet HTML 4Page - Texas Instruments TS5A3159A Datasheet HTML 5Page - Texas Instruments TS5A3159A Datasheet HTML 6Page - Texas Instruments TS5A3159A Datasheet HTML 7Page - Texas Instruments TS5A3159A Datasheet HTML 8Page - Texas Instruments TS5A3159A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
NO – Normally open
NC
Normally closed
DBV OR DCK PACKAGE
(TOP VIEW)
NO
IN
V
+
COM
GND
NC
1
2
3
4
6
5
YZP PACKAGE
(BOTTOM VIEW)
NC
NO
GND
3
1
2
A1
B1
C1
COM
IN
V
+
4
6
5
A2
B2
C2
TS5A3159A
www.ti.com
SCDS200C – AUGUST 2005 – REVISED MAY 2010
1-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Check for Samples: TS5A3159A
1
FEATURES
APPLICATIONS
Cell Phones
Isolation in Power-Down Mode, V+ = 0
PDAs
Pin Compatible With TS5A3159
Portable Instrumentation
Specified Break-Before-Make Switching
Audio and Video Signal Routing
Low On-State Resistance (1
Ω)
Low-Voltage Data Acquisition Systems
Control Inputs Are 5.5-V Tolerant
Communication Circuits
Low Charge Injection
Modems
Excellent On-State Resistance Matching
Hard Drives
Low Total Harmonic Distortion (THD)
Computer Peripherals
1.65-V to 5.5-V Single-Supply Operation
Wireless Terminals and Peripherals
Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
ESD Performance Tested Per JESD
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
DESCRIPTION
The TS5A3159A is a single-pole double-throw (SPDT) analog switch that is designed to operate from 1.65 V to
5.5 V. The device offers low on-state resistance and excellent on-state resistance matching with the
break-before-make feature, to prevent signal distortion during the transferring of a signal from one channel to
another. The device has an excellent total harmonic distortion (THD) performance and consumes very low
power. These features make this device suitable for portable audio applications.
FUNCTION TABLE
NC TO COM,
NO TO COM,
IN
COM TO NC
COM TO NO
L
ON
OFF
H
OFF
ON
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TS5A3159A

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVR TI-TS5A3159ADBVR Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVR TI-TS5A3159ADBVR Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVRE4 TI-TS5A3159ADBVRE4 Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - TS5A3159A

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A23159 1-廓 2-Channel SPDT Analog Switch 5-V / 3.3-V 2-Channel 2:1 Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com