データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A5018RGYRG4 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3A5018RGYRG4
部品情報  10-廓 QUAD SPDT ANALOG SWITCH
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A5018RGYRG4 データシート(HTML) 8 Page - Texas Instruments

Back Button TS3A5018RGYRG4 Datasheet HTML 4Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 5Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 6Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 7Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 8Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 9Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 10Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 11Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TS3A5018
SCDS189F – JANUARY 2005 – REVISED MAY 2013
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNC,
0
V+
V
range
VNO
25°C
5.50
8.00
ON-state
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
ron
1.65 V
resistance
ICOM = –32 mA,
See Figure 19
Full
14.55
ON-state
25°C
0.30
1.00
resistance
VNC or VNO = 1.5 V,
Switch ON,
Δron
1.65 V
match between
ICOM = –32 mA,
See Figure 19
Full
1.2
channels
ON-state
25°C
2.70
5.50
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
resistance
ron(flat)
1.65 V
ICOM = –32 mA,
See Figure 19
Full
7.30
flatness
VNC or VNO = 0.3 V,
25°C
–0.25
0.03
0.25
VCOM = 1.65V,
Switch OFF,
or
1.95 V
See Figure 20
Full
–4.5
4.50
VNC or VNO = 1.65V,
VCOM = 0.3 V,
NC, NO
INC(OFF),
VNC or VNO = 1.95 V to 0
25°C
–0.40
0.01
0.40
OFF leakage
μA
INO(OFF)
V,
current
VCOM = 0 V to 1.95 V,
Switch OFF,
or
0 V
See Figure 20
Full
–6.5
6.50
VNC or VNO = 0 V to 1.95
V,
VCOM = 1.95 V to 0 V,
VCOM = 1.65 V,
25°C
–0.40
0.02
0.40
VNC or VNO = 0.3V,
Switch OFF,
or
1.95 V
See Figure 20
Full
–0.90
0.90
VCOM = 0.3 V,
VNC or VNO = 1.65V,
COM
OFF leakage
ICOM(OFF)
μA
VCOM = 0 V to 1.95 V,
25°C
–0.40
0.02
0.40
current
VNC or VNO = 1.95 V to 0
V,
Switch OFF,
0 V
or
See Figure 20
Full
–4.50
4.50
VCOM = 1.95 V to 0,
VNC or VNO = 0 to 1.95 V,
VNC or VNO = 0.3 V,
25°C
–2.0
0.02
2.00
NC, NO
VCOM = Open,
INC(ON),
Switch ON,
ON leakage
or
1.95 V
μA
INO(ON)
See Figure 21
Full
–2.0
0.02
2.00
current
VNC or VNO = 1.65 V,
VCOM = Open,
VCOM = 0.3 V,
25°C
–4.50
4.50
COM
VNC or VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
or
1.95 V
μA
See Figure 21
Full
current
VCOM = 1.65 V,
VNC or VNO = Open,
Digital Control Inputs (IN, EN)(2)
Input logic high
VIH
VI = V+ or GND
Full
1.95 V
1.00
3.60
V
Input logic low
VIL
Full
1.95 V
0.00
0.40
V
25°C
–0.10
0.01
0.10
Input leakage
IIH, IIL
VI = V+ or 0
1.95 V
μA
current
Full
–2.10
2.10
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: TS3A5018


同様の部品番号 - TS3A5018RGYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A5018RGYRG4 TI-TS3A5018RGYRG4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018RGYRG4 TI-TS3A5018RGYRG4 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

同様の説明 - TS3A5018RGYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com