データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV7231 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV7231
部品情報  LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7231 データシート(HTML) 8 Page - Texas Instruments

Back Button LMV7231 Datasheet HTML 4Page - Texas Instruments LMV7231 Datasheet HTML 5Page - Texas Instruments LMV7231 Datasheet HTML 6Page - Texas Instruments LMV7231 Datasheet HTML 7Page - Texas Instruments LMV7231 Datasheet HTML 8Page - Texas Instruments LMV7231 Datasheet HTML 9Page - Texas Instruments LMV7231 Datasheet HTML 10Page - Texas Instruments LMV7231 Datasheet HTML 11Page - Texas Instruments LMV7231 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
OUTPUT SINK CURRENT (mA)
60
59
58
57
56
55
54
53
52
51
50
0
1
2
3
4
5
6
7
8
9
10
5.5V
3.3V
2.2V
TA = 125°C
INPUT VOLTAGE (V)
5
0
-5
-10
-15
-20
-0.3
-0.2
-0.1
25°C
+IN, -IN
-40°C
+IN, -IN
25°C
+IN, -IN
85°C
+IN, -IN
OUTPUT SINK CURRENT (mA)
40
39
38
37
36
35
34
33
32
31
30
0
1
2
3
4
5
6
7
8
9
10
5.5V
3.3V
2.2V
TA = -40°C
OUTPUT SINK CURRENT (mA)
55
54
53
52
51
50
49
48
47
46
45
0
1
2
3
4
5
6
7
8
9
10
5.5V
3.3V
2.2V
TA = 85°C
SUPPLY VOLTAGE (V)
60
50
40
30
20
10
0
1
2
3
4
5
6
25°C
-40°C
85°C
125°C
OUTPUT SINK CURRENT (mA)
50
49
48
47
46
45
44
43
42
41
40
0
1
2
3
4
5
6
7
8
9
10
5.5V
3.3V
2.2V
TA = 25°C
LMV7231
SNOSB45E – FEBRUARY 2010 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
V
+ = 3.3V and T
A =25°C unless otherwise noted.
Supply Current
Supply Current
vs.
vs.
Supply Voltage and Temperature
Output Sink Current
Figure 14.
Figure 15.
Supply Current
Supply Current
vs.
vs.
Output Sink Current
Output Sink Current
Figure 16.
Figure 17.
Supply Current
Bias Current
vs.
vs.
Output Sink Current
Input Voltage
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMV7231


同様の部品番号 - LMV7231

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231 Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
logo
National Semiconductor ...
LMV7231SQ NSC-LMV7231SQ Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
LMV7231SQ TI1-LMV7231SQ Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
LMV7231SQ/NOPB TI1-LMV7231SQ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
More results

同様の説明 - LMV7231

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV7231 TI-LMV7231_15 Datasheet
1Mb / 21P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_16 Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
logo
Analog Devices
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
   Single Comparator with 400mV Reference and Dual Polarity Outputs
Rev. PrB
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com