データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM361M データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM361M
部品情報  LM161/LM361 High Speed Differential Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM361M データシート(HTML) 3 Page - Texas Instruments

  LM361M Datasheet HTML 1Page - Texas Instruments LM361M Datasheet HTML 2Page - Texas Instruments LM361M Datasheet HTML 3Page - Texas Instruments LM361M Datasheet HTML 4Page - Texas Instruments LM361M Datasheet HTML 5Page - Texas Instruments LM361M Datasheet HTML 6Page - Texas Instruments LM361M Datasheet HTML 7Page - Texas Instruments LM361M Datasheet HTML 8Page - Texas Instruments LM361M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM161, LM361
www.ti.com
SNOSBJ5C – MAY 1999 – REVISED MARCH 2013
Electrical Characteristics
(1) (2) (1)
(V
+ = +10V, V
CC = +5V, V
= −10V, T
MIN ≤ TA ≤ TMAX, unless noted)
Parameter
Conditions
Limits
Units
LM161
LM361
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
1
3
1
5
mV
5
10
μA
Input Bias Current
TA=25°C
20
30
μA
2
2
μA
Input Offset Current
TA=25°C
3
5
μA
Voltage Gain
TA=25°C
3
3
V/mV
Input Resistance
TA=25°C, f=1 kHz
20
20
k
Ω
VCC=4.75V,
Logical “1” Output Voltage
2.4
3.3
2.4
3.3
V
ISOURCE=−0.5 mA
VCC=4.75V,
Logical “0” Output Voltage
0.4
0.4
V
ISINK=6.4 mA
Strobe Input “1” Current
VCC=5.25V,
200
200
μA
(Output Enabled)
VSTROBE=2.4V
Strobe Input “0” Current
VCC=5.25V,
−1.6
−1.6
mA
(Output Disabled)
VSTROBE=0.4V
Strobe Input “0” Voltage
VCC=4.75V
0.8
0.8
V
Strobe Input “1” Voltage
VCC=4.75V
2
2
V
Output Short Circuit Current
VCC=5.25V, VOUT=0V
−18
−55
−18
−55
mA
Supply Current I+
V+=10V, V=
−10V,
4.5
mA
VCC=5.25V,
−55°C≤TA≤125°C
Supply Current I+
V+=10V, V=
−10V,
5
mA
VCC=5.25V,
0°C
≤TA≤70°C
Supply Current I
V+=10V, V=
−10V,
10
mA
VCC=5.25V,
−55°C≤TA≤125°C
Supply Current I
V+=10V,
10
mA
V=
−10V,VCC=5.25V,
0°C
≤TA≤70°C
Supply Current ICC
V+=10V, V=
−10V,
18
mA
VCC=5.25V,
−55°C≤TA≤125°C
Supply Current ICC
V+=10V, V=
−10V,
20
mA
VCC=5.25V,
0°C
≤TA≤70°C
Transient Response
VIN = 50 mV overdrive
(3)
Propagation Delay Time (tpd(0))
TA=25°C
14
20
14
20
ns
Propagation Delay Time (tpd(1))
TA=25°C
14
20
14
20
ns
Delay Between Output A and B
TA=25°C
2
5
2
5
ns
Strobe Delay Time (tpd(0))
TA=25°C
8
8
ns
Strobe Delay Time (tpd(1))
TA=25°C
8
8
ns
(1)
Typical thermal impedances are as follows:
(2)
Refer to RETS161X for LM161H and LM161J military specifications.
(3)
Measurements using AC Test circuit, Fanout = 1. The devices are faster at low supply voltages.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM161 LM361


同様の部品番号 - LM361M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM361M NSC-LM361M Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM361M TI1-LM361M Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
LM361M/NOPB TI1-LM361M/NOPB Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
LM361MX/NOPB TI1-LM361MX/NOPB Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
More results

同様の説明 - LM361M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
Analog Devices
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
logo
Texas Instruments
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
[Old version datasheet]   Differential Comparators
TL331I TI-TL331I Datasheet
156Kb / 3P
[Old version datasheet]   DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com