データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM360M データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM360M
部品情報  LM160/LM360 High Speed Differential Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM360M データシート(HTML) 3 Page - Texas Instruments

  LM360M Datasheet HTML 1Page - Texas Instruments LM360M Datasheet HTML 2Page - Texas Instruments LM360M Datasheet HTML 3Page - Texas Instruments LM360M Datasheet HTML 4Page - Texas Instruments LM360M Datasheet HTML 5Page - Texas Instruments LM360M Datasheet HTML 6Page - Texas Instruments LM360M Datasheet HTML 7Page - Texas Instruments LM360M Datasheet HTML 8Page - Texas Instruments LM360M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM160, LM360
www.ti.com
SNOSBJ4C – MAY 1999 – REVISED MARCH 2013
Electrical Characteristics
(TMIN ≤ TA ≤ TMAX)
Parameter
Conditions
Min
Typ
Max
Units
Operating Conditions
Supply Voltage VCC
+
4.5
5
6.5
V
Supply Voltage VCC
−4.5
−5
−6.5
V
Input Offset Voltage
RS ≤ 200Ω
2
5
mV
Input Offset Current
0.5
3
μA
Input Bias Current
5
20
μA
Output Resistance (Either Output)
VOUT = VOH
100
Ω
Response Time
TA = 25°C, VS = ±5V
(1) (2)
13
25
ns
TA = 25°C, VS = ±5V
(3) (2)
12
20
ns
TA = 25°C, VS = ±5V
(4) (2)
14
ns
Response Time Difference between Outputs
(tpd of +VIN1) − (tpd of −VIN2)
TA = 25°C
(1) (2)
2
ns
(tpd of +VIN2) − (tpd of −VIN1)
TA = 25°C
(1) (2)
2
ns
(tpd of +VIN1) − (tpd of +VIN2)
TA = 25°C
(1) (2)
2
ns
(tpd of −VIN1) − (tpd of −VIN2)
TA = 25°C
(1) (2)
2
ns
Input Resistance
f = 1 MHz
17
k
Ω
Input Capacitance
f = 1 MHz
3
pF
Average Temperature Coefficient of
RS = 50Ω
8
μV/°C
Input Offset Voltage
Average Temperature Coefficient of
7
nA/°C
Input Offset Current
Common Mode Input Voltage Range
VS = ±6.5V
±4
±4.5
V
Differential Input Voltage Range
±5
V
Output High Voltage (Either Output)
IOUT = −320 μA, VS = ±4.5V
2.4
3
V
Output Low Voltage (Either Output)
ISINK = 6.4 mA
0.25
0.4
V
Positive Supply Current
VS = ±6.5V
18
32
mA
Negative Supply Current
VS = ±6.5V
−9
−16
mA
(1)
Response time measured from the 50% point of a 30 mVp-p 10 MHz sinusoidal input to the 50% point of the output.
(2)
Measurements are made in AC Test Circuit, Fanout = 1
(3)
Response time measured from the 50% point of a 2 Vp-p 10 MHz sinusoidal input to the 50% point of the output.
(4)
Response time measured from the start of a 100 mV input step with 5 mV overdrive to the time when the output crosses the logic
threshold.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM160 LM360


同様の部品番号 - LM360M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM360M NSC-LM360M Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
LM360M TI1-LM360M Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
LM360M/NOPB TI1-LM360M/NOPB Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
National Semiconductor ...
LM360MX NSC-LM360MX Datasheet
22Kb / 2P
   Homogeneous Material Composition Declaration for Electronic Products
logo
Texas Instruments
LM360MX TI1-LM360MX Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
More results

同様の説明 - LM360M

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
   HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
   DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM160QML TI1-LM160QML_14 Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com