データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM529CN データシート(PDF) 1 Page - Texas Instruments

部品番号 LM529CN
部品情報  LM161/LM361 High Speed Differential Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM529CN データシート(HTML) 1 Page - Texas Instruments

  LM529CN Datasheet HTML 1Page - Texas Instruments LM529CN Datasheet HTML 2Page - Texas Instruments LM529CN Datasheet HTML 3Page - Texas Instruments LM529CN Datasheet HTML 4Page - Texas Instruments LM529CN Datasheet HTML 5Page - Texas Instruments LM529CN Datasheet HTML 6Page - Texas Instruments LM529CN Datasheet HTML 7Page - Texas Instruments LM529CN Datasheet HTML 8Page - Texas Instruments LM529CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM161, LM361
www.ti.com
SNOSBJ5C – MAY 1999 – REVISED MARCH 2013
LM161/LM361 High Speed Differential Comparators
Check for Samples: LM161, LM361
1
FEATURES
DESCRIPTION
The LM161/LM361 is a very high speed differential
2
Independent strobes
input, complementary TTL output voltage comparator
Ensured high speed:
20 ns max
with improved characteristics over the SE529/NE529
Tight delay matching on both outputs
for which it is a pin-for-pin replacement. The device
has been optimized for greater speed performance
Complementary TTL outputs
and lower input offset voltage. Typically delay varies
Operates from op amp supplies:
±15V
only 3 ns for over-drive variations of 5 mV to 500 mV.
Low speed variation with overdrive variation
It may be operated from op amp supplies (±15V).
Low input offset voltage
Complementary outputs having maximum skew are
Versatile supply voltage range
provided. Applications involve high speed analog to
digital converters and zero-crossing detectors in disk
file systems.
CONNECTION DIAGRAMS
SOIC or PDIP Package
Figure 1. Top View
Package Numbers D0014A, NFF0014A
TO-100 Package
Figure 2. Package Number LME0010C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM529CN

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM529CN TI1-LM529CN Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
More results

同様の説明 - LM529CN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
Analog Devices
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8143 AD-AD8143 Datasheet
577Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
logo
Texas Instruments
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
[Old version datasheet]   Differential Comparators
TL331I TI-TL331I Datasheet
156Kb / 3P
[Old version datasheet]   DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com