データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM119 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM119
部品情報  LM119/LM219/LM319 High Speed Dual Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM119 データシート(HTML) 2 Page - Texas Instruments

  LM119_14 Datasheet HTML 1Page - Texas Instruments LM119_14 Datasheet HTML 2Page - Texas Instruments LM119_14 Datasheet HTML 3Page - Texas Instruments LM119_14 Datasheet HTML 4Page - Texas Instruments LM119_14 Datasheet HTML 5Page - Texas Instruments LM119_14 Datasheet HTML 6Page - Texas Instruments LM119_14 Datasheet HTML 7Page - Texas Instruments LM119_14 Datasheet HTML 8Page - Texas Instruments LM119_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM119/LM219/LM319
High Speed Dual Comparator
General Description
The LM119 series are precision high speed dual compara-
tors fabricated on a single monolithic chip. They are de-
signed to operate over a wide range of supply voltages down
to a single 5V logic supply and ground. Further, they have
higher gain and lower input currents than devices like the
LM710. The uncommitted collector of the output stage
makes the LM119 compatible with RTL, DTL and TTL as well
as capable of driving lamps and relays at currents up to 25
mA.
The LM319A offers improved precision over the standard
LM319, with tighter tolerances on offset voltage, offset cur-
rent, and voltage gain.
Although designed primarily for applications requiring opera-
tion from digital logic supplies, the LM119 series are fully
specified for power supplies up to ±15V. It features faster re-
sponse than the LM111 at the expense of higher power dis-
sipation. However, the high speed, wide operating voltage
range and low package count make the LM119 much more
versatile than older devices like the LM711.
The LM119 is specified from −55˚C to +125˚C, the LM219 is
specified from −25˚C to +85˚C, and the LM319A and LM319
are specified from 0˚C to +70˚C.
Features
n
Two independent comparators
n
Operates from a single 5V supply
n
Typically 80 ns response time at ±15V
n
Minimum fan-out of 2 each side
n
Maximum input current of 1 µA over temperature
n
Inputs and outputs can be isolated from system ground
n
High common mode slew rate
Connection Diagram
Note 1: Also available per SMD# 8601401 or JM38510/10306
Typical Applications (Note 2)
Dual-In-Line Package
DS005705-4
Top View
Order Number LM119J, LM119J/883 (Note 1),
LM219J, LM319J, LM319AM,
LM319M, LM319AN or LM319N
See NS Package Number J14A, M14A or N14A
Relay Driver
DS005705-5
Note 2: Pin numbers are for metal can package.
Window Detector
DS005705-6
VOUT = 5V for VLT ≤ VIN ≤ VUT
VOUT = 0 for VIN ≤ VLTor VIN ≥ VUT
August 2000
© 2000 National Semiconductor Corporation
DS005705
www.national.com


同様の部品番号 - LM119_14

メーカー部品番号データシート部品情報
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Texas Instruments
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
More results

同様の説明 - LM119_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119 TI1-LM119 Datasheet
325Kb / 13P
[Old version datasheet]   LM119/LM219/LM319 High Speed Dual Comparator
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com