データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM119 データシート(PDF) 3 Page - Texas Instruments

部品番号 LM119
部品情報  LM119/LM219/LM319 High Speed Dual Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM119 データシート(HTML) 3 Page - Texas Instruments

  LM119_14 Datasheet HTML 1Page - Texas Instruments LM119_14 Datasheet HTML 2Page - Texas Instruments LM119_14 Datasheet HTML 3Page - Texas Instruments LM119_14 Datasheet HTML 4Page - Texas Instruments LM119_14 Datasheet HTML 5Page - Texas Instruments LM119_14 Datasheet HTML 6Page - Texas Instruments LM119_14 Datasheet HTML 7Page - Texas Instruments LM119_14 Datasheet HTML 8Page - Texas Instruments LM119_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 9)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Total Supply Voltage
36V
Output to Negative Supply Voltage
36V
Ground to Negative Supply Voltage
25V
Ground to Positive Supply Voltage
18V
Differential Input Voltage
±5V
Input Voltage (Note 3)
±15V
ESD rating (1.5 k
Ω in series with
100 pF)
800V
Power Dissipation (Note 4)
500 mW
Output Short Circuit Duration
10 sec
Storage Temperature Range
−65˚C to 150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Operating Temperature Range
LM119
−55˚C to 125˚C
LM219
−25˚C to 85˚C
Electrical Characteristics (Note 5)
Parameter
Conditions
LM119/LM219
Units
Min
Typ
Max
Input Offset Voltage (Note 6)
T
A = 25˚C, RS ≤ 5k
0.7
4.0
mV
Input Offset Current (Note 6)
T
A = 25˚C
30
75
nA
Input Bias Current
T
A = 25˚C
150
500
nA
Voltage Gain
T
A = 25˚C (Note 8)
10
40
V/mV
Response Time (Note 7)
T
A = 25˚C, VS = ±15V
80
ns
Saturation Voltage
V
IN ≤ −5 mV, IOUT =25 mA
T
A = 25˚C
0.75
1.5
V
Output Leakage Current
V
IN ≥ 5 mV, VOUT = 35V
T
A = 25˚C
0.2
2
µA
Input Offset Voltage (Note 6)
R
S ≤ 5k
7
mV
Input Offset Current (Note 6)
100
nA
Input Bias Current
1000
nA
Input Voltage Range
V
S = ±15V
−12
±13
+12
V
V
+ = 5V, V=0
1
3
V
Saturation Voltage
V
+
≥ 4.5V, V=0
V
IN ≤ −6 mV, ISINK ≤ 3.2 mA
T
A ≥ 0˚C
0.23
0.4
V
T
A ≤ 0˚C
0.6
V
Output Leakage Current
V
IN ≥ 5 mV, VOUT = 35V,
1
10
µA
V
=V
GND =0V
Differential Input Voltage
±5V
Positive Supply Current
T
A = 25˚C, V
+ = 5V, V= 0
4.3
mA
Positive Supply Current
T
A = 25˚C, VS = ±15V
8
11.5
mA
Negative Supply Current
T
A = 25˚C, VS = ±15V
3
4.5
mA
Note 3: For supply voltages less than ±15V the absolute maximum input voltage is equal to the supply voltage.
Note 4: The maximum junction temperature of the LM119 is 150˚C, while that of the LM219 is 110˚C. For operating at elevated temperatures, devices in the H10
package must be derated based on a thermal resistance of 160˚C/W, junction to ambient, or 19˚C/W, junction to case. The thermal resistance of the J14 and N14
packages is 100˚C/W, junction to ambient.
Note 5: These specifications apply for VS = ±15V, and the Ground pin at ground, and −55˚C ≤ TA ≤ +125˚C, unless otherwise stated. With the LM219, however, all
temperature specifications are limited to −25˚C
≤ TA ≤ +85˚C. The offset voltage, offset current and bias current specifications apply for any supply voltage from a
single 5V supply up to ±15V supplies. Do not operate the device with more than 16V from ground to VS.
Note 6: The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply witha1mA load. Thus, these
parameters define an error band and take into account the worst case effects of voltage gain and input impedance.
Note 7: The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive.
Note 8: Output is pulled up to 15V through a 1.4 k
Ω resistor.
Note 9: Refer to RETS119X for LM119H/883 and LM119J/883 specifications.
www.national.com
2


同様の部品番号 - LM119_14

メーカー部品番号データシート部品情報
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Texas Instruments
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
More results

同様の説明 - LM119_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119 TI1-LM119 Datasheet
325Kb / 13P
[Old version datasheet]   LM119/LM219/LM319 High Speed Dual Comparator
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
LM119 TI1-LM119_16 Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com