データシートサーチシステム |
|
LM119H-SMD データシート(PDF) 1 Page - Texas Instruments |
|
|
LM119H-SMD データシート(HTML) 1 Page - Texas Instruments |
1 / 26 page V- OUTPUT 2 N/C GND 2 IN+ 2 N/C N/C N/C N/C N/C OUTPUT 1 9 10 11 12 13 3 2 1 20 19 18 N/C 17 V+ 16 N/C 15 IN- 2 14 IN- 1 N/C IN+ 1 N/C GND 1 4 5 6 7 8 LM119QML www.ti.com SNOSAN3B – JULY 2008 – REVISED MARCH 2013 LM119QML High Speed Dual Comparator Check for Samples: LM119QML 1 FEATURES DESCRIPTION The LM119 is a precision high speed dual 2 • Available with radiation ensured comparator fabricated on a single monolithic chip. It – High Dose Rate 100 krad(Si) is designed to operate over a wide range of supply – ELDRS Free 100 krad(Si) voltages down to a single 5V logic supply and ground. Further, it has higher gain and lower input • Two independent comparators currents than devices like the LM710. The • Operates from a single 5V supply uncommitted collector of the output stage makes the • Typically 80 ns response time at ±15V LM119 compatible with RTL, DTL and TTL as well as capable of driving lamps and relays at currents up to • Minimum fan-out of 2 each side 25 mA. • Maximum input current of 1 μA over temperature Although designed primarily for applications requiring operation from digital logic supplies, the LM119 is • Inputs and outputs can be isolated from fully specified for power supplies up to ±15V. It system ground features faster response than the LM111 at the • High common mode slew rate expense of higher power dissipation. However, the high speed, wide operating voltage range and low package count make the LM119 much more versatile than older devices like the LM711. Connection Diagrams CDIP Package LCCC Package Figure 1. Top View Figure 2. Top View Package Number J0014A Package Number NAJ0020A TO-100 Package Case is connected to pin 5 (V−). Figure 3. Top View Figure 4. Top View Package Number LME0010C Package Number NAD0010A, NAC0010A 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2008–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - LM119H-SMD |
|
同様の説明 - LM119H-SMD |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |