データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM119HRLQMLV データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM119HRLQMLV
部品情報  LM119QML High Speed Dual Comparator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM119HRLQMLV データシート(HTML) 3 Page - Texas Instruments

  LM119HRLQMLV Datasheet HTML 1Page - Texas Instruments LM119HRLQMLV Datasheet HTML 2Page - Texas Instruments LM119HRLQMLV Datasheet HTML 3Page - Texas Instruments LM119HRLQMLV Datasheet HTML 4Page - Texas Instruments LM119HRLQMLV Datasheet HTML 5Page - Texas Instruments LM119HRLQMLV Datasheet HTML 6Page - Texas Instruments LM119HRLQMLV Datasheet HTML 7Page - Texas Instruments LM119HRLQMLV Datasheet HTML 8Page - Texas Instruments LM119HRLQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM119QML
www.ti.com
SNOSAN3B – JULY 2008 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Total Supply Voltage
36V
Output to Negative Supply Voltage
36V
Ground to Negative Supply Voltage
25V
Ground to Positive Supply Voltage
18V
Differential Input Voltage
±5V
Input Voltage (2)
±15V
Power Dissipation (3)
500 mW
Output Short Circuit Duration
10 sec
Storage Temperature Range
−65°C ≤ TA ≤ 150°C
Operating Ambient Temperature Range
−55°C ≤ TA ≤ 125°C
Maximum Junction Temperature (TJ)
150°C
Lead Temperature
(Soldering, 10 sec.)
260°C
Thermal Resistance
θJA
LCCC Package
(Still Air)
89°C/W
LCCC Package
(500LF/Min Air flow)
63°C/W
TO-100 Package
(Still Air)
162°C/W
TO-100 Package
(500LF/Min Air flow)
88°C/W
CDIP Package
(Still Air)
94°C/W
CDIP Package
(500LF/Min Air flow)
52°C/W
CLGA Package
(Still Air)
215°C/W
CLGA Package
(500LF/Min Air flow)
132°C/W
CLGA Package
(Still Air)
215°C/W
CLGA Package
(500LF/Min Air flow)
132°C/W
θJC
LCCC Package
5°C/W
TO-100 Package
31°C/W
CDIP Package
11°C/W
CLGA Package
13°C/W
CLGA Package
13°C/W
Package Weight
LCCC Package
TBD
TO-100 Package
TBD
CDIP Package
TBD
CLGA Package
TBD
CLGA Package
225mg
ESD rating (4)
800V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
For supply voltages less than ±15V the absolute maximum input voltage is equal to the supply voltage.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(4)
Human Body model, 1.5K
Ω in series with 100pF.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM119QML


同様の部品番号 - LM119HRLQMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119HRLQMLV TI1-LM119HRLQMLV Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119HRLQMLV TI-LM119HRLQMLV Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119HRLQMLV TI-LM119HRLQMLV Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119HRLQMLV TI1-LM119HRLQMLV Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
More results

同様の説明 - LM119HRLQMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119QML TI1-LM119QML Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
5962-9679801VCA TI-5962-9679801VCA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com