データシートサーチシステム |
|
LM119W883 データシート(PDF) 3 Page - Texas Instruments |
|
LM119W883 データシート(HTML) 3 Page - Texas Instruments |
3 / 26 page LM119QML www.ti.com SNOSAN3B – JULY 2008 – REVISED MARCH 2013 Absolute Maximum Ratings (1) Total Supply Voltage 36V Output to Negative Supply Voltage 36V Ground to Negative Supply Voltage 25V Ground to Positive Supply Voltage 18V Differential Input Voltage ±5V Input Voltage (2) ±15V Power Dissipation (3) 500 mW Output Short Circuit Duration 10 sec Storage Temperature Range −65°C ≤ TA ≤ 150°C Operating Ambient Temperature Range −55°C ≤ TA ≤ 125°C Maximum Junction Temperature (TJ) 150°C Lead Temperature (Soldering, 10 sec.) 260°C Thermal Resistance θJA LCCC Package (Still Air) 89°C/W LCCC Package (500LF/Min Air flow) 63°C/W TO-100 Package (Still Air) 162°C/W TO-100 Package (500LF/Min Air flow) 88°C/W CDIP Package (Still Air) 94°C/W CDIP Package (500LF/Min Air flow) 52°C/W CLGA Package (Still Air) 215°C/W CLGA Package (500LF/Min Air flow) 132°C/W CLGA Package (Still Air) 215°C/W CLGA Package (500LF/Min Air flow) 132°C/W θJC LCCC Package 5°C/W TO-100 Package 31°C/W CDIP Package 11°C/W CLGA Package 13°C/W CLGA Package 13°C/W Package Weight LCCC Package TBD TO-100 Package TBD CDIP Package TBD CLGA Package TBD CLGA Package 225mg ESD rating (4) 800V (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) For supply voltages less than ±15V the absolute maximum input voltage is equal to the supply voltage. (3) The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. (4) Human Body model, 1.5K Ω in series with 100pF. Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM119QML |
同様の部品番号 - LM119W883 |
|
同様の説明 - LM119W883 |