データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM4001 データシート(PDF) 8 Page - Rectron Semiconductor

部品番号 FM4001
部品情報  PASSIVATED SILICON RECTIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECTRON [Rectron Semiconductor]
ホームページ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4001 データシート(HTML) 8 Page - Rectron Semiconductor

Back Button FM4001 Datasheet HTML 2Page - Rectron Semiconductor FM4001 Datasheet HTML 3Page - Rectron Semiconductor FM4001 Datasheet HTML 4Page - Rectron Semiconductor FM4001 Datasheet HTML 5Page - Rectron Semiconductor FM4001 Datasheet HTML 6Page - Rectron Semiconductor FM4001 Datasheet HTML 7Page - Rectron Semiconductor FM4001 Datasheet HTML 8Page - Rectron Semiconductor FM4001 Datasheet HTML 9Page - Rectron Semiconductor FM4001 Datasheet HTML 10Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REEL TAPING SPECIFICATIONS FOR
A
E
F
d
P1
P0
W
B
P
SURFACE MOUNT DEVICES-FLAT MELF
D
W1
D2
D1
( SMA/SMB/SMC )
T
MAX. 3
o
MAX. 3
o
A
R
C
Fig.: Configuration of FLAT MELF TAPING
(SMA/SMB/SMC)
ITEM
SYMBOL
DO214AC (SMA) mm(inch)
DO214AA (SMB) mm(inch)
DO214AB (SMC) mm(inch)
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole diameter
Strocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Totall tape thickness
Tape width
Reel width
A
B
C
d
D
D1
D2
E
F
P
P0
P1
T
W
W1
2.6 0.15 (0.102 0.006)
5.15 0.15 (0.203 0.006)
2.3 0.15 (0.091 0.006)
1.5 0.1 (0.059 0.004)
178 2.0 (7.0 0.079)
50 Min.
13 0.5 (0.512 0.020)
1.5 0.1 (0.059 0.004)
5.65 0.05 (0.222 0.002)
4.0 0.1 (0.157 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
0.30 0.05 (0.012 0.002)
12.0 0.2 (0.472 0.008)
16.8 2.0 (0.661 0.079)
3.65 0.1 (0.144 0.004)
5.69 0.1 (0.224 0.004)
2.67 0.1 (0.105 0.004)
1.5 0.1 (0.059 0.004)
178 2.0 (7.0 0.079)
50 Min.
13 0.5 (0.512 0.020)
1.5 0.1 (0.059 0.004)
5.65 0.05 (0.222 0.002)
8.0 0.1 (0.315 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
0.6 Max.
12.0 0.2 (0.472 0.008)
16.8 2.0 (0.661 0.079) 24.0 2.0 (0.945 0.079)
16.0 0.2 (0.630 0.008)
0.6 Max.
4.0 0.1 (0.157 0.004)
4.0 0.1 (0.157 0.004)
8.0 0.1 (0.315 0.004)
7.65 0.05 (0.301 0.002)
1.5 0.1 (0.059 0.004)
13 0.5 (0.512 0.020)
50 Min.
178 2.0 (7.0 0.079)
1.5 0.1 (0.059 0.004)
2.5 0.1 (0.098 0.004)
8.30 0.1 (0.327 0.004)
6.0 0.1 (0.236 0.004)
Note: 1.Devices are packed in accordance with EIA standard RS-481-A and specification given above.
2.Available on 7 inch ( 1500 ct. ) or 13 inch ( 5000 ct. ) diameter reels.


同様の部品番号 - FM4001

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
   Glass passivated type
FM4001 FORMOSA-FM4001 Datasheet
77Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
   FAST RECOVER RECTIFIER
More results

同様の説明 - FM4001

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
1N5415 CENTRAL-1N5415 Datasheet
287Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL101 SMC-RL101 Datasheet
178Kb / 4P
   PASSIVATED SILICON RECTIFIER
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188_15 Datasheet
289Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Changzhou Shunye Electr...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shunye Enterprise
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com