データシートサーチシステム |
|
ISL32173E データシート(PDF) 1 Page - Intersil Corporation |
|
ISL32173E データシート(HTML) 1 Page - Intersil Corporation |
1 / 22 page 1 QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E These Intersil devices are ±16.5kV IEC61000-4-2 ESD protected, 3.0V to 5.5V powered, QUAD receivers for balanced communication using the RS-485 and RS-422 standards. Each receiver has low input currents (±200µA), so it presents a 1/4 unit load to the RS-485 bus, and allows up to 128 receivers on the bus. The ISL32173E, ISL32175E, ISL32177E are high data rate receivers that operate at data rates up to 80Mbps. Their 8ns maximum propagation delay skew (tolerance) guarantees excellent part-to-part matching. The ISL32273E, ISL32275E, ISL32277E are reduced supply current versions that operate at data rates up to 20Mbps. Receiver outputs are tri-statable, and incorporate a hot plug feature to keep them disabled during power up and down. Versions are available with a common EN/EN (‘173 pinout), a two channel EN12/EN34 (‘175 pinout), or a versatile individual channel enable (see Table 1). A 26% smaller footprint is available with the ISL32177E and ISL32277E QFN packages, and these two devices also feature a logic supply pin (VL). The VL supply sets the switching points of the enable inputs, and the receiver outputs’ VOH, to levels compatible with a lower supply voltage in mixed voltage systems. Individual channel and group enable pins increase the ISL32177E and ISL32277E’s flexibility. Features • IEC61000 ESD Protection (RS-485 Inputs) ±16.5kV - Class 3 ESD on all Other Pins . . . . . . >8kV HBM • Wide Supply Range. . . . . . . . . . . . . 3.0V to 5.5V • Wide Common Mode Range . . . . . . . -7V to +12V • Low Part-to-Part Propagation Delay Tolerance. . . . . . . . . . . . . . . . . . . . ±4ns (max) • Specified for +125°C Operation • Fail-Safe Open Rx Inputs • 1/4 Unit Load Allows 128 Devices on the Bus • Available in Industry Standard Pinouts (‘173/’175) and a 4x4 QFN (ISL32X77E) with Added Features • Logic Supply Pin (VL) Eases Operation in Mixed Supply Systems (ISL32X77E) • High Data Rates . . . . . . . . . up to 80M or 20Mbps • Low Shutdown Supply Current . . . . . . . . . . 60µA • Tri-statable Rx Outputs • 5V Tolerant Logic Inputs When VCC = 3.3V Applications • Telecom Equipment • Motor Controllers/Encoders • Programmable Logic Controllers • Industrial/Process Control Networks ISL32177E Part-to-Part Prop Delay Variability ISL3217XE Data Rate and VL Performance RECEIVER PROPAGATION DELAY (ns) VCC = 3.3V, +25°C # of DEVICES = 270 TIME (4ns/DIV) 1 -1 0 A - B VCC = 3.3V -0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 VL = 2.5V VL = 1.8V VL = 1.6V 80Mbps March 14, 2013 FN7529.1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas LLC 2009, 2013. All Rights Reserved Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners. |
同様の部品番号 - ISL32173E |
|
同様の説明 - ISL32173E |