データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32273E データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL32273E
部品情報  QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32273E データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL32273E Datasheet HTML 4Page - Intersil Corporation ISL32273E Datasheet HTML 5Page - Intersil Corporation ISL32273E Datasheet HTML 6Page - Intersil Corporation ISL32273E Datasheet HTML 7Page - Intersil Corporation ISL32273E Datasheet HTML 8Page - Intersil Corporation ISL32273E Datasheet HTML 9Page - Intersil Corporation ISL32273E Datasheet HTML 10Page - Intersil Corporation ISL32273E Datasheet HTML 11Page - Intersil Corporation ISL32273E Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
FN7529.1
March 14, 2013
Logic Input
Current
IIN1
EN, EN, ENX, SHDNEN = 0V or VCC
Full
-15
-
15
µA
IIN2
EN12, EN34 = 0V or VCC (ISL32X75E Only)
Full
-30
-
30
µA
Receiver
Differential
Threshold Voltage
VTH
-7V ≤ VCM ≤ 12V
Full
-200
-
200
mV
Receiver Input
Hysteresis
ΔVTH
VCM = 0V
25
-
30
-
mV
Input Current
(A, B)
IIN3
VCC = 0V or 5.5V
VIN = 12V
Full
-
-
0.2
mA
VIN = -7V
Full
-0.2
--
mA
Receiver Input
Resistance
RIN
-7V ≤ VCM ≤ 12V
Full
48
--
Receiver Output
Leakage Current
IOZ
EN = 0V, 0 ≤ VO ≤ VCC (0 to VL if ISL32177E
or ISL32277E)
Full
-10
-
10
µA
Receiver Short-
Circuit Current,
VO =High or Low
IOS
EN = 1, 0V ≤ VO ≤ VCC (0
to VL if ISL32177E or
ISL32277E)
20Mbps
Versions
Full
-
-
±100
mA
80Mbps
Versions
Full
-
-
±155
mA
Receiver Output
High Voltage
VOH1
IO = -8mA, VID = 200mV
(VL = VCC if ISL32177E or
ISL32277E)
VCC ≥ 4.5V
Full
VCC - 1
--
V
IO = -6mA, VID = 200mV
(VL = VCC if ISL32177E or
ISL32277E)
VCC ≥ 3.0V
Full
2.4
--
V
VOH2
IO = -2mA, VL ≥ 2.3V
ISL32177E and
ISL32277E Only
Full
VL - 0.3
--
V
VOH3
IO = -1.5mA, VL = 1.8V
Full
VL - 0.3
--
V
VOH4
IO = -200µA, VL ≥ 1.4V
Full
VL - 0.2
--
V
Receiver Output
Low Voltage
VOL1
IO = 8mA, VID = -200mV, VL = VCC if
ISL32177E, ISL32277E
Full
-
-
0.4
V
VOL2
IO = 5mA, VL ≥ 1.8V
ISL32177E and
ISL32277E Only
Full
-
-
0.4
V
VOL3
IO = 2mA, VL ≥ 1.4V
ISL32177E and
ISL32277E Only
Full
-
-
0.4
V
SUPPLY CURRENT
No-Load Supply
Current,
80Mbps Versions
80ICC
EN = 1, or EN = 0 (ISL32173E and
ISL32177E), or EN12 = EN34 = 1
(ISL32175E), or EN1 = EN2 = EN3 = EN4 = 1
(ISL32177E)
Full
-
-
15
mA
80ICC1/2 EN12 = 1 and EN34 = 0, or vice versa
(ISL32175E only), or if only two channels
are enabled on the ISL32177E
Full
-
-
8.5
mA
80ICCD
SHDNEN = 0, EN1 = EN2 = EN3 = EN4 = 0
or EN = 0 and EN = 1 (ISL32177E only)
Full
-
-
2.5
mA
Electrical Specifications Test Conditions: VCC = 3.0V to 5.5V; VL = VCC (ISL32177E and ISL32277E only); Typicals are at
the worst case of VCC = 3.3V or VCC = 5V, TA = +25°C; Unless Otherwise Specified. Boldface
limits apply over the operating temperature range. (Notes 10, 14) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 13)
TYP
MAX
(Note 13) UNITS
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


同様の部品番号 - ISL32273E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32273E INTERSIL-ISL32273E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL32273E INTERSIL-ISL32273E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL32273E RENESAS-ISL32273E Datasheet
1Mb / 21P
   Telecom equipment
logo
Intersil Corporation
ISL32273E-77E INTERSIL-ISL32273E-77E Datasheet
496Kb / 3P
   Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
ISL32273EFBZ INTERSIL-ISL32273EFBZ Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
More results

同様の説明 - ISL32273E

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com