データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5237 データシート(PDF) 2 Page - General Semiconductor

部品番号 1N5237
部品情報  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GE [General Semiconductor]
ホームページ  http://www.vishay.com
Logo GE - General Semiconductor

1N5237 データシート(HTML) 2 Page - General Semiconductor

  1N5237 Datasheet HTML 1Page - General Semiconductor 1N5237 Datasheet HTML 2Page - General Semiconductor 1N5237 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N5225 THRU 1N5267
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Nominal
Zener
Voltage(3)
at
IZT
VZ (V)
Test
Current
IZT (mA)
Maximum Zener impedance(1)
Maximum
Reverse Leakage Current
at
IZT
ZZT (
Ω)
at
IZK=0.25mA
ZZK (
Ω)
Typical
Temperature
Coefficient
α VZ (% / K)
IR (
µA)
Test Voltage
VR (V)
Maximum
Regulator
Current(2)
IZM (mA)
1N5225
3.0
20
29
1600
– 0.075
50
1.0
152
1N5226
3.3
20
28
1600
–0.070
25
1.0
138
1N5227
3.6
20
24
1700
–0.065
15
1.0
126
1N5228
3.9
20
23
1900
–0.060
10
1.0
115
1N5229
4.3
20
22
2000
–0.055
5.0
1.0
106
1N5230
4.7
20
19
1900
±0.030
5.0
2.0
97
1N5231
5.1
20
17
1600
±0.030
5.0
2.0
89
1N5232
5.6
20
11
1600
+0.038
5.0
3.0
81
1N5233
6.0
20
7
1600
+0.038
5.0
3.5
76
1N5234
6.2
20
7
1000
+0.045
5.0
4.0
73
1N5235
6.8
20
5
750
+0.050
3.0
5.0
67
1N5236
7.5
20
6
500
+0.058
3.0
6.0
61
1N5237
8.2
20
8
500
+0.062
3.0
6.5
55
1N5238
8.7
20
8
600
+0.065
3.0
6.5
52
1N5239
9.1
20
10
600
+0.068
3.0
7.0
50
1N5240
10
20
17
600
+0.075
3.0
8.0
45
1N5241
11
20
22
600
+0.076
2.0
8.4
41
1N5242
12
20
30
600
+0.077
1.0
9.1
38
1N5243
13
9.5
13
600
+0.079
0.5
9.9
35
1N5244
14
9.0
15
600
+0.082
0.1
10
32
1N5245
15
8.5
16
600
+0.082
0.1
11
30
1N5246
16
7.8
17
600
+0.083
0.1
12
28
1N5247
17
7.4
19
600
+0.084
0.1
13
27
1N5248
18
7.0
21
600
+0.085
0.1
14
25
1N5249
19
6.6
23
600
+0.086
0.1
14
24
1N5250
20
6.2
25
600
+0.086
0.1
15
23
1N5251
22
5.6
29
600
+0.087
0.1
17
21
1N5252
24
5.2
33
600
+0.087
0.1
18
19.1
1N5253
25
5.0
35
600
+0.089
0.1
19
18.2
1N5254
27
4.6
41
600
+0.090
0.1
21
16.8
1N5255
28
4.5
44
600
+0.091
0.1
21
16.2
1N5256
30
4.2
49
600
+0.091
0.1
23
15.1
1N5257
33
3.8
58
700
+0.092
0.1
25
13.8
1N5258
36
3.4
70
700
+0.093
0.1
27
12.6
1N5259
39
3.2
80
800
+0.094
0.1
30
11.6
1N5260
43
3.0
93
900
+0.095
0.1
33
10.6
1N5261
47
2.7
105
1000
+0.095
0.1
36
9.7
1N5262
51
2.5
125
1100
+0.096
0.1
39
8.9
1N5263
56
2.2
150
1300
+0.096
0.1
43
1N5264
60
2.1
170
1400
+0.097
0.1
46
1N5265
62
2.0
185
1400
+0.097
0.1
47
1N5266
68
1.8
230
1600
+0.097
0.1
52
1N5267
75
1.7
270
1700
+0.098
0.1
56
NOTES:
(1) The Zener impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK)
is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units
(2) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature
(3) Measured with device junction in thermal equilibrium


同様の部品番号 - 1N5237

メーカー部品番号データシート部品情報
logo
Surge Components
1N5237 SURGE-1N5237 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Jinan Jingheng (Group) ...
1N5237 JINANJINGHENG-1N5237 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5237 HORNBY-1N5237 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5237 SEME-LAB-1N5237 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5237 MCC-1N5237 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

同様の説明 - 1N5237

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com