データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3906 データシート(PDF) 3 Page - General Semiconductor

部品番号 2N3906
部品情報  SMALL SIGNAL TRANSISTORS PNP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GE [General Semiconductor]
ホームページ  http://www.vishay.com
Logo GE - General Semiconductor

2N3906 データシート(HTML) 3 Page - General Semiconductor

  2N3906 Datasheet HTML 1Page - General Semiconductor 2N3906 Datasheet HTML 2Page - General Semiconductor 2N3906 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2N3906
ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
MIN.
MAX.
UNIT
Small Signal Current Gain
at ÐVCE = 10 V, ÐIC = 1 mA, f = 1 kHz
hfe
100
400
Ð
Output Admittance
at ÐVCE = 1 V, ÐIC = 1 mA, f = 1 kHz
hoe
140
mS
Noise Figure
at ÐVCE = 5 V, ÐIC = 100
mA, RG = 1 kW,
f = 10 É 15000 Hz
NF
Ð
4
dB
Delay Time (see Fig. 1)
at ÐIB1 = 1 mA, ÐIC = 10 mA
td
Ð35
ns
Rise Time (see Fig. 1)
at ÐIB1 = 1 mA, ÐIC = 10 mA
tr
Ð35
ns
Storage Time (see Fig. 2)
at IB1 = ÐIB2 = 1 mA, ÐIC = 10 mA
ts
Ð
225
ns
Fall Time (see Fig. 2)
at IB1 = ÐIB2 = 1 mA, ÐIC = 10 mA
tf
Ð75
ns
Fig. 2: Test circuit for storage and fall time
* total shunt capacitance of test jig and connectors
Fig. 1: Test circuit for delay and rise time
* total shunt capacitance of test jig and connectors


同様の部品番号 - 2N3906

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N3906 ONSEMI-2N3906 Datasheet
145Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996 REV 2
logo
New Jersey Semi-Conduct...
2N3906 NJSEMI-2N3906 Datasheet
173Kb / 2P
   PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
Central Semiconductor C...
2N3906 CENTRAL-2N3906 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Jiangsu Changjiang Elec...
2N3906 JIANGSU-2N3906 Datasheet
506Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Silicon Standard Corp.
2N3906 SSC-2N3906 Datasheet
261Kb / 4P
   TRANSISTOR(PNP)
More results

同様の説明 - 2N3906

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
   PNP Small Signal Transistors
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
   Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
   Small Signal Transistors (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
   PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
   PNP Small Signal Transistors
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
   Small Signal Transistors (PNP)
09-May-02
logo
General Semiconductor
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MMBTA56 GE-MMBTA56 Datasheet
56Kb / 2P
   Small Signal Transistors (PNP)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com