データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY229X データシート(PDF) 2 Page - General Semiconductor

部品番号 BY229X
部品情報  FAST SWITCHING PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GE [General Semiconductor]
ホームページ  http://www.vishay.com
Logo GE - General Semiconductor

BY229X データシート(HTML) 2 Page - General Semiconductor

  BY229X Datasheet HTML 1Page - General Semiconductor BY229X Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
1
10
100
100
0
2
4
6
8
10
12
0
50
100
150
0.1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
0.01
0.10
1
10
100
1000
0
20406080
100
1
10
100
0
25
50
75
100
125
150
FIG. 1 - MAXIMUM FORWARD CURRENT
DERATING CURVES
CASE AMBIENT TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
VR / V
TL=75°C
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
RESISTIVE OR
INDUCTIVE LOAD
TJ=150°C
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
TJ=125°C
TJ=100°C
TJ=25°C
RATINGS AND CHARACTERISTIC CURVES BY229X SERIES


同様の部品番号 - BY229X

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BY229X PHILIPS-BY229X Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY229X-200 PHILIPS-BY229X-200 Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
Vishay Siliconix
BY229X-200 VISHAY-BY229X-200 Datasheet
133Kb / 5P
   Fast Switching Plastic Rectifier
Revision: 06-Nov-07
logo
Thinki Semiconductor Co...
BY229X-200 THINKISEMI-BY229X-200 Datasheet
603Kb / 2P
   8.0 Ampere Insulated Glass Passivated Ultra Fast Recovery Rectiflers
logo
NXP Semiconductors
BY229X-400 PHILIPS-BY229X-400 Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
More results

同様の説明 - BY229X

メーカー部品番号データシート部品情報
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
PS300R PANJIT-PS300R_09 Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA159-E3 VISHAY-BA159-E3 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com