データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A3159-Q1 データシート(PDF) 3 Page - Texas Instruments

部品番号 TS5A3159-Q1
部品情報  1-廓 SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3159-Q1 データシート(HTML) 3 Page - Texas Instruments

  TS5A3159-Q1_14 Datasheet HTML 1Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 2Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 3Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 4Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 5Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 6Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 7Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 8Page - Texas Instruments TS5A3159-Q1_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TS5A3159-Q1
www.ti.com
SCDS336A – NOVEMBER 2012 – REVISED DECEMBER 2012
THERMAL INFORMATION
TS5A3159-Q1
THERMAL METRIC(1)
UNIT
DBV (6 PINS)
θJA
Junction-to-ambient thermal resistance
192.9
θJCtop
Junction-to-case (top) thermal resistance
133.3
θJB
Junction-to-board thermal resistance
37.6
°C/W
ψJT
Junction-to-top characterization parameter
38.9
ψJB
Junction-to-board characterization parameter
37.1
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Electrical Characteristics for 5-V Supply
V+ = 4.5 V to 5.5 V and TA = −40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO,VNC
25°C
1
1.5
0
≤ VNO or VNC ≤ V+,
Switch ON,
rpeak
Peak ON resistance
4.5 V
ICOM = −30 mA
See Figure 11
Full
1.5
25°C
0.75
1.3
VNO or VNC = 2.5 V,
Switch ON,
ron
ON-state resistance
4.5 V
ICOM = −30 mA
See Figure 11
Full
1.3
ON-state resistance match
VNO or VNC = 2.5 V,
Switch ON,
∆ron
25°C
4.5 V
0.1
between channels
ICOM = −30 mA
See Figure 11
0
≤ VNO or VNC ≤ V+,
25°C
0.233
ICOM = −30 mA
Switch ON,
ron(flat)
ON-state resistance flatness
4.5 V
VNO or VNC = 1 V, 1.5 V,
See Figure 11
2.5 V,
25°C
0.15
ICOM = −30 mA
25°C
−6
0.2
6
INC(OFF),
NC, NO
VNC or VNO = 4.5 V,
Switch OFF,
5.5 V
nA
INO(OFF)
OFF leakage current
VCOM = 0
See Figure 12
Full
−150
150
25°C
−6
2.8
6
INC(ON),
NC, NO
VNC or VNO = 4.5 V,
Switch ON,
5.5 V
nA
INO(ON)
ON leakage current
VCOM = Open
See Figure 13
Full
−150
150
VNC or VNO = 4.5 V or
25°C
−8
0.47
8
COM
Switch ON,
ICOM(ON)
Open,
5.5 V
nA
ON leakage current
See Figure 13
Full
−150
150
VCOM = 4.5 V
Digital Inputs (IN)
VIH
Input logic high
Full
2.4
5.5
V
VIL
Input logic low
Full
0
0.8
V
IIH, IIL
Input leakage current
VIN = 5.5 V or 0
Full
5.5 V
−1
1
µA
Dynamic
25°C
4.5 V
20
35
VCOM = V+,
CL = 35 pF,
tON
Turn-on time
to 5.5
ns
RL = 50 Ω,
See Figure 15
Full
40
V
25°C
4.5 V
15
20
VCOM = V+,
CL = 35 pF,
tOFF
Turn-off time
to 5.5
ns
RL = 50 Ω,
See Figure 15
Full
35
V
25°C
4.5 V
1
12
14.5
VNC = VNO = V+ / 2,
CL = 35 pF,
tBBM
Break-before-make time
to 5.5
ns
RL = 50 Ω,
See Figure 16
Full
1
V
QC
Charge injection
CL = 1 nF, VGEN = 0 V,
See Figure 20
25°C
5 V
36
pC
CNC(OFF),
NC, NO
VNC or VNO = V+ or GND,
See Figure 14
25°C
5 V
23
pF
CNO(OFF)
OFF capacitance
Switch OFF,
(1)
TA = 25°C
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS5A3159-Q1


同様の部品番号 - TS5A3159-Q1_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results

同様の説明 - TS5A3159-Q1_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159_15 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com