データシートサーチシステム |
|
TS3A5223 データシート(PDF) 2 Page - Texas Instruments |
|
TS3A5223 データシート(HTML) 2 Page - Texas Instruments |
2 / 15 page TS3A5223 SCDS339A – JANUARY 2013 – REVISED FEBRUARY 2013 www.ti.com TS3A5223 PIN DESCRIPTION NAME PIN NUMBER DESCRIPTION VCC 1 Postive supply Input – Connect 1.65V up to 3.6V supply NC1, NO1, NC2, 5, 2, 7, 10 Channel Input/Output signal Pins NO2 COM1, COM2 3, 9 Channel Input/Output signal Pins GND 6 Ground reference pin SEL1, SEL2 4, 8 Select logic pin ORDERING INFORMATION(1) TA PART NUMBER PACKAGE TOP-SIDE MARKING –40°C to 85°C TS3A5223RSWR 10-Pin µ-QFN Reel of 3000 B2_ (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) Specified at TA= –40°C to 85°C unless otherwise noted. VALUE UNIT MIN MAX VCC Positive DC Supply Voltage –0.3 4.3(2) V VIN-Max Pins S1A, S1B, S2A, S2B, OUT1, OUT2, SEL1, SEL2 to GND pin voltage –0.3 4.3(2) V IOUT-Max Pin OUT1, OUT2 max DC current ±300 mA IOUT-Peak Pin OUT1, OUT2 peak current (1ms pulse at 10% duty cycle) ±500 mA Total device power dissipation PD 10-µQFN RSW 430 mW at TA = 85°C ESD Rating – HBM 2000 V ESD ESD Rating – CDM 500 V TA Operating free-air ambient temperature range –40 85 °C TJ Junction temperature range –55 150 °C Tstg Storage temperature range –55 150 °C (1) Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Not rated for continuous operation, 0.5% duty cycle at 1 kHz recommended DISSIPATION RATINGS (1) (2) (3) DERATING BOARD PACKAGE θJC θJA (3) FACTOR ABOVE TA < 25°C TA = 70°C TA = 85°C TA = 25ºC High-K 10-Pin µ-QFN 46°C/W 93°C/W 10.7 mW/ºC 1075W 590mW 430mW (1) Maximum dissipation values for retaining device junction temperature of 150°C (2) Refer to TI’s design support web page at www.ti.com/thermal for improving device thermal performance (3) Operating at the absolute TJ-max of 150°C can affect reliability– for higher reliability it is recommended to ensure TJ < 125°C RECOMMENDED OPERATING CONDITIONS over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Positive DC Supply Voltage 1.65 3.6 V VMax Pins NC1, NO1, NC2, NO2, COM1, COM2, SEL1, SEL2 to GND pin maximum voltage 0 3.6 V TA Operating free-air ambient temperature range –40 85 ºC VCC= 1.6 to 2.7V SEL pin Input rise and fall dt/dv sec/V time limit VCC = 3.0 to 3.6V 2 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links :TS3A5223 |
同様の部品番号 - TS3A5223_14 |
|
同様の説明 - TS3A5223_14 |