データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A4741 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3A4741
部品情報  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A4741 データシート(HTML) 5 Page - Texas Instruments

  TS3A4741 Datasheet HTML 1Page - Texas Instruments TS3A4741 Datasheet HTML 2Page - Texas Instruments TS3A4741 Datasheet HTML 3Page - Texas Instruments TS3A4741 Datasheet HTML 4Page - Texas Instruments TS3A4741 Datasheet HTML 5Page - Texas Instruments TS3A4741 Datasheet HTML 6Page - Texas Instruments TS3A4741 Datasheet HTML 7Page - Texas Instruments TS3A4741 Datasheet HTML 8Page - Texas Instruments TS3A4741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
TYPICAL PERFORMANCE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM (V)
V+ = 2.7 V
V+ = 1.8 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
VCOM (V)
855C
255C
–405C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM (V)
855C
255C
–405C
1.00
10.00
100.00
1000.00
TA (°C)
−40
°C
25
°C
85
°C
NO/NC (OFF)
COM (ON)
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCOM (V)
V+ = 1.8 V
V+ = 3 V
0
1
2
3
4
5
6
7
8
1.6
2.0
2.4
2.8
3.2
3.6
4.0
V+ (V)
tON
tOFF
TS3A4741,, TS3A4742
0.9-
Ω LOW-VOLTAGE SINGLE-SUPPLY
DUAL SPST ANALOG SWITCHES
SCDS228D – AUGUST 2006 – REVISED JANUARY 2008
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 1.8 V)
Figure 3. ron vs VCOM (V+ = 2.7 V)
Figure 4. ION and IOFF vs Temperature
(V+ = 3.6 V)
Figure 5. QC vs VCOM
Figure 6. tON and tOFF vs Supply Voltage
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3A4741 TS3A4742


同様の部品番号 - TS3A4741

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741DCNR TI-TS3A4741DCNR Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4741DCNR TI-TS3A4741DCNR Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
More results

同様の説明 - TS3A4741

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_15 Datasheet
981Kb / 26P
[Old version datasheet]   TS3A474x 0.9-廓 Low-Voltage Single-Supply 2-Channel SPST Analog Switches
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com