データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2DDR2811 データシート(PDF) 6 Page - Texas Instruments

部品番号 TS2DDR2811
部品情報  1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS2DDR2811 データシート(HTML) 6 Page - Texas Instruments

Back Button TS2DDR2811_14 Datasheet HTML 2Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 3Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 4Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 5Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 6Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 7Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 8Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 9Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CL
(see Note A)
TEST CIRCUIT
S1
2 × VCC
Open
GND
RL
RL
50 Ω
VG1
VCC
DUT
50 Ω
VSEL
50 Ω
VG2
50 Ω
VI
TEST
RL
S1
V
CL
VCC
VI
tPLZ/tPZL
3.3 V ± 0.3 V
2 × VCC
200 Ω
GND
10 pF
0.3 V
Input Generator
Input Generator
VO
tPHZ/tPZH
3.3 V ± 0.3 V
GND
200 Ω
VCC
10 pF
0.3 V
tPZL
VOH - 0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
VCC/2
VCC/2
Output Control
)
(VSEL
1.65 V
3.3 V
VOH
VOL + 0.3 V
VOH
VOL
0 V
1.65 V
tPZH
tPLZ
tPHZ
Output
Waveform 2
S1 at GND
(see Note B)
Output
Waveform 1
S1 at 2 × VCC
(see Note B)
VOL
VO
VSEL
VO
TS2DDR2811
SCDS294 – DECEMBER 2009
www.ti.com
PARAMETER MEASUREMENT INFORMATION
(Enable and Disable Times)
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5
ns, tf ≤ 2.5 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLZ and tPHZ are the same as tdis.
F.
tPZL and tPZH are the same as ten.
Figure 5. Test Circuit and Voltage Waveforms
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS2DDR2811


同様の部品番号 - TS2DDR2811_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS2DDR2811ZXYR TI-TS2DDR2811ZXYR Datasheet
230Kb / 13P
[Old version datasheet]   1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
More results

同様の説明 - TS2DDR2811_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS2DDR2811 TI-TS2DDR2811 Datasheet
230Kb / 13P
[Old version datasheet]   1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
logo
Stanford Microdevices
SSW-524 STANFORD-SSW-524 Datasheet
198Kb / 3P
   DC - 8 GHZ GAAS MMIC SPST SWITCH
logo
Texas Instruments
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
logo
Texas Instruments
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
logo
Texas Instruments
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
logo
Texas Instruments
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com