データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4066B データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD4066B
部品情報  CMOS QUAD BILATERAL SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066B データシート(HTML) 4 Page - Texas Instruments

  CD4066B Datasheet HTML 1Page - Texas Instruments CD4066B Datasheet HTML 2Page - Texas Instruments CD4066B Datasheet HTML 3Page - Texas Instruments CD4066B Datasheet HTML 4Page - Texas Instruments CD4066B Datasheet HTML 5Page - Texas Instruments CD4066B Datasheet HTML 6Page - Texas Instruments CD4066B Datasheet HTML 7Page - Texas Instruments CD4066B Datasheet HTML 8Page - Texas Instruments CD4066B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics
LIMITS AT INDICATED TEMPERATURES
PARAMETER
TEST CONDITIONS
VIN
VDD
−55
°C
−40
°C
85
°C
125
°C
25
°C
UNIT
PARAMETER
TEST CONDITIONS
VIN
(V)
VDD
(V)
−55
°C
−40
°C
85
°C
125
°C
TYP
MAX
UNIT
0, 5
5
0.25
0.25
7.5
7.5
0.01
0.25
IDD
Quiescent device
0, 10
10
0.5
0.5
15
15
0.01
0.5
A
IDD
Quiescent device
current
0, 15
15
1
1
30
30
0.01
1
µA
current
0, 20
20
5
5
150
150
0.02
5
Signal Inputs (Vis) and Outputs (Vos)
VC = VDD,
RL = 10 kΩ returned
5
800
850
1200
1300
470
1050
ron
On-state resistance
(max)
RL = 10 kΩ returned
to
,
V
DD * VSS
2
10
310
330
500
550
180
400
on
(max)
to
,
Vis = VSS to VDD
2
15
200
210
300
320
125
240
On-state resistance
5
15
∆ron
On-state resistance
difference between
any two switches
RL = 10 kΩ, VC = VDD
10
10
∆ron difference between
any two switches
RL = 10 kΩ, VC = VDD
15
5
THD
Total harmonic
distortion
VC = VDD = 5 V, VSS = −5 V,
Vis(p-p) = 5 V (sine wave centered on 0 V),
RL = 10 kΩ, fis = 1-kHz sine wave
0.4
%
−3-dB cutoff
frequency
(switch on)
VC = VDD = 5 V, VSS = −5 V, Vis(p-p) = 5 V
(sine wave centered on 0 V), RL = 1 kΩ
40
MHz
−50-dB feedthrough
frequency (switch off)
VC = VSS = −5 V, Vis(p-p) = 5 V
(sine wave centered on 0 V), RL = 1 kΩ
1
MHz
Iis
Input/output leakage
current (switch off)
(max)
VC = 0 V, Vis = 18 V, Vos = 0 V;
and
VC = 0 V, Vis = 0 V, Vos = 18 V
18
±0.1
±0.1
±1
±1 ±10−5
±0.1
µA
−50-dB crosstalk
frequency
VC(A) = VDD = 5 V,
VC(B) = VSS = −5 V,
Vis(A) = 5 Vp-p, 50-Ω source,
RL = 1 kΩ
8
MHz
Propagation delay
RL = 200 kΩ, VC = VDD,
VSS = GND, CL = 50 pF,
5
20
40
tpd
Propagation delay
(signal input to
signal output)
VSS = GND, CL = 50 pF,
Vis = 10 V
(square wave centered on 5 V),
10
10
20
ns
pd
(signal input to
signal output)
is
(square wave centered on 5 V),
tr, tf = 20 ns
15
7
15
Cis
Input capacitance
VDD = 5 V, VC = VSS = −5 V
8
pF
Cos
Output capacitance
VDD = 5 V, VC = VSS = −5 V
8
pF
Cios
Feedthrough
VDD = 5 V, VC = VSS = −5 V
0.5
pF


同様の部品番号 - CD4066B

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
More results

同様の説明 - CD4066B

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com