データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HCT4066-Q1 データシート(PDF) 5 Page - Texas Instruments

部品番号 CD74HCT4066-Q1
部品情報  HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT4066-Q1 データシート(HTML) 5 Page - Texas Instruments

  CD74HCT4066-Q1_14 Datasheet HTML 1Page - Texas Instruments CD74HCT4066-Q1_14 Datasheet HTML 2Page - Texas Instruments CD74HCT4066-Q1_14 Datasheet HTML 3Page - Texas Instruments CD74HCT4066-Q1_14 Datasheet HTML 4Page - Texas Instruments CD74HCT4066-Q1_14 Datasheet HTML 5Page - Texas Instruments CD74HCT4066-Q1_14 Datasheet HTML 6Page - Texas Instruments CD74HCT4066-Q1_14 Datasheet HTML 7Page - Texas Instruments CD74HCT4066-Q1_14 Datasheet HTML 8Page - Texas Instruments CD74HCT4066-Q1_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CD74HCT4066-Q1
HIGH-SPEED CMOS LOGIC
QUAD BILATERAL SWITCH
SCLS581B − APRIL 2004 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 1. Crosstalk Between Two Switches Test Circuit
SWITCH
ON
VCC
VCC/2
0.1
mF
VIS
VOS1
R
C
SWITCH
OFF
dB
METER
VCC
VCC/2
VOS2
R
VCC/2
R
C
R
INPUT
fIS = 1-MHz Sine Wave
R = 50
W
C = 10 pF
Figure 2. Frequency-Response Test Circuit
50
10 pF
SWITCH
ON
dB
METER
VCC
VCC/2
0.1
mF
VIS
VOS
Figure 3. Total Harmonic Distortion Test Circuit
10k
50 pF
SWITCH
ON
DISTORTION
METER
VCC
VCC/2
10
mF
Sine
Wave
VIS
VOS
VIS
VI = VIH
fIS = 1 kHz to 10 kHz
Figure 4. Control-to-Switch Feedthrough Noise
Test Circuit
600
50 pF
VOS
600
VOS
VP−P
E
SCOPE
SWITCH
ALTERNATING
ON AND OFF
tr, tf ≤ 6 ns
fCONT = 1 MHz
50% DUTY
CYCLE
VCC
VCC/2
VCC/2
Figure 5. Switch OFF Signal Feedthrough
Test Circuit
V IS
0.1
µF
R
C
VOS
R
VCC
VCC/2
VCC/2
fIS ≥ 1-MHz Sine Wave
R = 50
C = 10 pF
VC = V
SWITCH
OFF
dB
METER
IL


同様の部品番号 - CD74HCT4066-Q1_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
312Kb / 13P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results

同様の説明 - CD74HCT4066-Q1_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
312Kb / 13P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066 TI-CD74HC4066 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI1-CD54HC4066_17 Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_15 Datasheet
850Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016 Datasheet
58Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_07 Datasheet
372Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com