データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DZ23-C10 データシート(PDF) 3 Page - General Semiconductor

部品番号 DZ23-C10
部品情報  Dual Common-Cathode Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GE [General Semiconductor]
ホームページ  http://www.vishay.com
Logo GE - General Semiconductor

DZ23-C10 データシート(HTML) 3 Page - General Semiconductor

  DZ23-C10 Datasheet HTML 1Page - General Semiconductor DZ23-C10 Datasheet HTML 2Page - General Semiconductor DZ23-C10 Datasheet HTML 3Page - General Semiconductor DZ23-C10 Datasheet HTML 4Page - General Semiconductor DZ23-C10 Datasheet HTML 5Page - General Semiconductor DZ23-C10 Datasheet HTML 6Page - General Semiconductor DZ23-C10 Datasheet HTML 7Page - General Semiconductor DZ23-C10 Datasheet HTML 8Page - General Semiconductor DZ23-C10 Datasheet HTML 9Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Type
± 2% Tol.
DZ23-B2V7
2.65
2.75
5
DZ23-B3
2.94
3.06
5
DZ23-B3V3
3.23
3.37
5
DZ23-B3V6
3.53
3.67
5
DZ23-B3V9
3.82
3.98
5
DZ23-B4V3
4.21
4.39
5
DZ23-B4V7
4.61
4.79
5
DZ23-B5V1
5.00
5.20
5
DZ23-B5V6
5.49
5.71
5
DZ23-B6V2
6.08
6.32
5
DZ23-B6V8
6.66
6.94
5
DZ23-B7V5
7.35
7.65
5
DZ23-B8V2
8.04
8.36
5
DZ23-B9V1
8.92
9.28
5
DZ23-B10
9.80
10.2
5
DZ23-B11
10.8
11.2
5
DZ23-B12
11.8
12.2
5
DZ23-B13
12.7
13.3
5
DZ23-B15
14.7
15.3
5
DZ23-B16
15.7
16.3
5
DZ23-B18
17.6
18.4
5
DZ23-B20
19.6
20.4
5
DZ23-B22
21.6
22.4
5
DZ23-B24
23.5
24.5
5
DZ23-B27
26.5
27.5
5
DZ23-B30
29.4
30.6
5
DZ23-B33
32.3
33.7
5
DZ23-B36
35.3
36.7
5
DZ23-B39
38.2
39.8
5
DZ23-B43
42.1
43.9
5
DZ23-B47
46.1
47.9
5
DZ23-B51
50.0
52.0
5
Type
± 5% Tol.
Zener Voltage
range(1) at IZ
VZ (V)
min.
max.
Test Current
IZ (mA)
Zener Voltage
range(1) at IZ
VZ (V)
min.
max.
Test Current
IZ (mA)
DZ23-C2V7
2.50
2.90
5
DZ23-C3
2.80
3.20
5
DZ23-C3V3
3.10
3.50
5
DZ23-C3V6
3.40
3.80
5
DZ23-C3V9
3.70
4.10
5
DZ23-C4V3
4.00
4.60
5
DZ23-C4V7
4.40
5.00
5
DZ23-C5V1
4.80
5.40
5
DZ23-C5V6
5.20
6.00
5
DZ23-C6V2
5.80
6.60
5
DZ23-C6V8
6.40
7.20
5
DZ23-C7V5
7.00
7.90
5
DZ23-C8V2
7.70
8.70
5
DZ23-C9V1
8.50
9.60
5
DZ23-C10
9.4
10.6
5
DZ23-C11
10.4
11.6
5
DZ23-C12
11.4
12.7
5
DZ23-C13
12.4
14.1
5
DZ23-C15
13.8
15.6
5
DZ23-C16
15.3
17.1
5
DZ23-C18
16.8
19.1
5
DZ23-C20
18.8
21.2
5
DZ23-C22
20.8
23.3
5
DZ23-C24
22.8
25.6
5
DZ23-C27
25.1
28.9
5
DZ23-C30
28.0
32.0
5
DZ23-C33
31.0
35.0
5
DZ23-C36
34.0
38.0
5
DZ23-C39
37.0
41.0
5
DZ23-C43
40.0
46.0
5
DZ23-C47
44.0
50.0
5
DZ23-C51
48.0
54.0
5
Notes:
(1) Measured with pulses tp = 5 ms
Electrical Characteristics (TA = 25°C unless otherwise noted)
DZ23 Series
Dual Common-Cathode
Zener Diodes


同様の部品番号 - DZ23-C10

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
DZ23-G VISHAY-DZ23-G Datasheet
124Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 1.1, 01-Mar-13
DZ23-G VISHAY-DZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.8, 02-Feb-12
More results

同様の説明 - DZ23-C10

メーカー部品番号データシート部品情報
logo
RFE international
DZ23C2V4 RFE-DZ23C2V4 Datasheet
2Mb / 5P
   Zener Diodes (Dual, Common Cathode)
19-JUN-2023
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
   DUAL DIODES - CATHODE COMMON
EA60QC03L NIEC-EA60QC03L Datasheet
46Kb / 6P
   SBD DUAL DIODES CATHODE COMMON
FCQ10A03L NIEC-FCQ10A03L Datasheet
44Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
FCQ20B06 NIEC-FCQ20B06 Datasheet
46Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
KCF16A60 NIEC-KCF16A60 Datasheet
42Kb / 4P
   FRD DUAL DIODES CATHODE COMMON
FCQ20A03L NIEC-FCQ20A03L Datasheet
45Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_10 Datasheet
402Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS
logo
AiT Semiconductor Inc.
BAV70W AITSEMI-BAV70W Datasheet
489Kb / 7P
   SWITCHING DIODES COMMON CATHODE DUAL SWITCHING DIODES
REV1.0
logo
ON Semiconductor
SBAT54CLT1G ONSEMI-SBAT54CLT1G Datasheet
121Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
November, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com