データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6611 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMH6611
部品情報  Single Supply 345 MHz Rail-to-Rail Output Amplifiers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6611 データシート(HTML) 3 Page - Texas Instruments

  LMH6611 Datasheet HTML 1Page - Texas Instruments LMH6611 Datasheet HTML 2Page - Texas Instruments LMH6611 Datasheet HTML 3Page - Texas Instruments LMH6611 Datasheet HTML 4Page - Texas Instruments LMH6611 Datasheet HTML 5Page - Texas Instruments LMH6611 Datasheet HTML 6Page - Texas Instruments LMH6611 Datasheet HTML 7Page - Texas Instruments LMH6611 Datasheet HTML 8Page - Texas Instruments LMH6611 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LMH6611, LMH6612
www.ti.com
SNOSB00K – NOVEMBER 2007 – REVISED OCTOBER 2013
+3V Electrical Characteristics
Unless otherwise specified, all limits are specified for TJ = +25°C, V
+ = 3V, V= 0V, V
S = V
+ – V, DISABLE = 3V, V
CM = VO =
V
+/2, A
V = +1, RF = 0Ω, when AV ≠ +1 then RF = 560Ω, RL = 1 kΩ. Boldface limits apply at temperature extremes.
(1)
Symbol
Parameter
Condition
Min(2)
Typ(3)
Max(2)
Units
Frequency Domain Response
SSBW
–3 dB Bandwidth Small Signal
AV = 1, RL = 1 kΩ, VOUT = 0.2 VPP
305
MHz
AV = 2, −1, RL = 1 kΩ, VOUT = 0.2 VPP
115
GBW
Gain Bandwidth
AV = 10, RF = 2 kΩ, RG = 221Ω, RL = 1 kΩ,
115
135
(LMH6611)
VOUT = 0.2 VPP
MHz
Gain Bandwidth
AV = 10, RF = 2 kΩ, RG = 221Ω, RL = 1 kΩ,
130
(LMH6612)
VOUT = 0.2 VPP
LSBW
−3 dB Bandwidth Large Signal
AV = 1, RL = 1 kΩ, VOUT = 1.5 VPP
90
MHz
AV = −1, RL = 150Ω, VOUT = 2 VPP
85
Peak
Peaking
AV = 1
1.0
dB
0.1
0.1 dB Bandwidth
AV = 1, VOUT = 0.5 VPP, RL = 1 kΩ
33
dBBW
AV = 2, VOUT = 0.5 VPP, RL = 1 kΩ
65
RF = RG = 560Ω
MHz
AV = 2, VOUT = 1.5 VPP, RL = 150Ω,
47
RF = RG = 510Ω
DG
Differential Gain
AV = 2, 4.43 MHz, 0.6V < VOUT < 2V,
0.03
%
RL = 150Ω to V
+/2
DP
Differential Phase
AV = 2, 4.43 MHz, 0.6V < VOUT < 2V,
0.06
deg
RL = 150Ω to V
+/2
Time Domain Response
tr/tf
Rise & Fall Time
1.5V Step, AV = 1
2.8
ns
SR
Slew Rate
2V Step, AV = 1
330
V/
μs
ts_0.1
0.1% Settling Time
2V Step, AV = −1
74
ns
ts_0.01
0.01% Settling Time
2V Step, AV = −1
116
Noise and Distortion Performance
SFDR
Spurious Free Dynamic Range
fC = 100 kHz, AV = −1, VOUT= 2 VPP
109
fC = 1 MHz, AV = −1, VOUT = 2 VPP
97
dBc
fC = 5 MHz, AV = −1, VOUT = 2 VPP
80
en
Input Voltage Noise
f = 100 kHz
10
nV/
√Hz
in
Input Current Noise
f = 100 kHz
2
pA/
√Hz
CT
Crosstalk (LMH6612)
f = 5 MHz, VIN = 2 VPP
71
dB
Input, DC Performance
VOS
Input Offset Voltage (LMH6611)
VCM = 0.5V
0.022
±1.5
±2
mV
Input Offset Voltage (LMH6612)
VCM = 0.5V
−0.015
±1.5
±2
TCVOS
Input Offset Voltage Average Drift
See(4)
4
μV/°C
IB
Input Bias Current
VCM = 0.5V
−5.9
−10.1
μA
−11.1
IO
Input Offset Current
0.01
±0.5
μA
±0.7
CIN
Input Capacitance
2.5
pF
RIN
Input Resistance
6
M
CMVR
Input Voltage Range
DC, CMRR
≥ 76 dB
−0.2
1.8
V
(1)
Boldface limits apply to temperature range of
−40°C to 125°C
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Voltage average drift is determined by dividing the change in VOS by temperature change.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6611 LMH6612


同様の部品番号 - LMH6611

メーカー部品番号データシート部品情報
logo
Intersil Corporation
LMH6611 INTERSIL-LMH6611 Datasheet
1Mb / 30P
   PowerWise짰 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6611MK TI1-LMH6611MK Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6611MKE TI1-LMH6611MKE Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6611MKENOPB NSC-LMH6611MKENOPB Datasheet
2Mb / 42P
   LMH6611/LMH6612 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6611MKNOPB NSC-LMH6611MKNOPB Datasheet
2Mb / 42P
   LMH6611/LMH6612 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
More results

同様の説明 - LMH6611

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH6612MA TI1-LMH6612MA Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Intersil Corporation
LMH6611 INTERSIL-LMH6611 Datasheet
1Mb / 30P
   PowerWise짰 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6611 NSC-LMH6611_14 Datasheet
2Mb / 42P
   LMH6611/LMH6612 Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com