データシートサーチシステム |
|
LMV393QDRQ1 データシート(PDF) 5 Page - Texas Instruments |
|
|
LMV393QDRQ1 データシート(HTML) 5 Page - Texas Instruments |
5 / 15 page LMV331-Q1 SINGLE, LMV393-Q1 DUAL www.ti.com SLOS468D – MAY 2005 – REVISED AUGUST 2011 Electrical Characteristics at specified free-air temperature, VCC+ = 5 V, GND = 0 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT 25 °C 1.7 7 VIO Input offset voltage mV –40°C to 125°C 9 Average temperature coefficient αVIO 25 °C 5 μV/°C of input offset voltage 25 °C 25 250 IIB Input bias current nA –40°C to 125°C 400 25 °C 2 50 IIO Input offset current nA –40°C to 125°C 150 IO Output current (sinking) VO ≤ 1.5 V 25 °C 10 84 mA 25 °C 0.003 Output leakage current μA –40°C to 125°C 1 –0.1 VICR Common-mode input voltage range 25 °C V to 4.2 AVD Large-signal differential voltage gain 25 °C 20 50 V/mV 25 °C 200 400 VSAT Saturation voltage IO ≤ 4 mA mV –40°C to 125°C 700 25 °C 60 120 LMV331 –40°C to 125°C 150 25 °C 100 200 ICC Supply current LMV393 (both comparators) μA –40°C to 125°C 250 25 °C 170 300 LMV339 (all four comparators) –40°C to 125°C 350 Switching Characteristics TA = 25°C, VCC+ = 5 V, RL = 5.1 kΩ, GND = 0 V (unless otherwise noted) PARAMETER TEST CONDITIONS TYP UNIT Input overdrive = 10 mV 600 tPHL Propagation delay, high- to low-level output switching ns Input overdrive = 100 mV 200 Input overdrive = 10 mV 450 tPLH Propagation delay, low- to high-level output switching ns Input overdrive = 100 mV 300 Copyright © 2005–2011, Texas Instruments Incorporated 5 |
同様の部品番号 - LMV393QDRQ1 |
|
同様の説明 - LMV393QDRQ1 |