データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2903AVQDRQ1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2903AVQDRQ1
部品情報  LM2903-Q1 Dual Differential Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903AVQDRQ1 データシート(HTML) 3 Page - Texas Instruments

  LM2903AVQDRQ1 Datasheet HTML 1Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 2Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 3Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 4Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 5Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 6Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 7Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 8Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
LM2903-Q1
www.ti.com
SLCS141E – MAY 2003 – REVISED JULY 2014
6 Pin Configuration and Functions
D, DGK OR PW PACKAGE
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1OUT
1
Output
Comparator 1's output pin
1IN-
2
Input
Comparator 1's negative input pin
1IN+
3
Input
Comparator 1's positive input pin
GND
4
Input
Ground
2IN+
5
Input
Comparator 2's positive input pin
2IN-
6
Input
Comparator 2's negative input pin
2OUT
7
Output
Comparator 2's output pin
VCC
8
Input
Supply Pin
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
36
V
VID
Differential input voltage(3)
–36
36
V
VI
Input voltage range (either input)
−0.3
36
V
VO
Output voltage
36
V
IO
Output current
20
mA
Duration of output short-circuit to ground
Unlimited
D package
97
°C/W
θJA
Package thermal impedance(4)
PW package
149
°C/W
DGK package
199.4
°C/W
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
(3)
Differential voltages are at IN+ with respect to IN
−.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per AEC Q100-002(1)
0
1000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per
All pins
0
750
AEC Q100-011
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2903-Q1


同様の部品番号 - LM2903AVQDRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2903AVQDRQ1 TI1-LM2903AVQDRQ1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903AVQDRQ1 TI1-LM2903AVQDRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903AVQDRQ1 TI1-LM2903AVQDRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903AVQDRQ1 TI1-LM2903AVQDRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Differential Comparators
LM2903AVQDRQ1 TI1-LM2903AVQDRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
More results

同様の説明 - LM2903AVQDRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2903QPWRG4Q1 TI1-LM2903QPWRG4Q1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903-Q1 TI-LM2903-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V06 Datasheet
3Mb / 44P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V05 Datasheet
3Mb / 44P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V02 Datasheet
1Mb / 33P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com