データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM306DRE4 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM306DRE4
部品情報  Fast Response Times Improved Gain and Accuracy
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM306DRE4 データシート(HTML) 4 Page - Texas Instruments

  LM306DRE4 Datasheet HTML 1Page - Texas Instruments LM306DRE4 Datasheet HTML 2Page - Texas Instruments LM306DRE4 Datasheet HTML 3Page - Texas Instruments LM306DRE4 Datasheet HTML 4Page - Texas Instruments LM306DRE4 Datasheet HTML 5Page - Texas Instruments LM306DRE4 Datasheet HTML 6Page - Texas Instruments LM306DRE4 Datasheet HTML 7Page - Texas Instruments LM306DRE4 Datasheet HTML 8Page - Texas Instruments LM306DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LM306
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS008A − OCTOBER 1979 − REVISED OCTOBER 1991
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VCC+ = 12 V, VCC− = −3 V to −12 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
RS ≤ 200 Ω
25
°C
1.6§
5
mV
VIO
Input offset voltage
RS ≤ 200 Ω
Full range
6.5
mV
αVIO
Average temperature coefficient of
input offset voltage
RS = 50 Ω,
See Note 5
Full range
5
20
µV/°C
25
°C
1.8
5
IIO
Input offset current
See Note 5
MIN
1
7.5
µA
IIO
Input offset current
See Note 5
MAX
0.5
5
µA
IIO
Average temperature coefficient of
See Note 5
MIN to 25
°C
24
100
nA /
°C
αIIO
Average temperature coefficient of
input offset current
See Note 5
25
°C to MAX
15
50
nA /
°C
IIB
Input bias current
VO = 0.5 V to 5 V
MIN to 25
°C
40
A
IIB
Input bias current
VO = 0.5 V to 5 V
25
°C to MAX
16
25
µA
IIL(S)
Low-level strobe current
V(strobe) = 0.4 V
Full range
− 1.7
− 3.2
mA
VIH(S)
High-level strobe voltage
Full range
2.2
V
VIL(S)
Low-level strobe voltage
Full range
0.9
V
VICR
Common-mode input voltage range
VCC − = − 7 V to −12 V
Full range
±5
V
VID
Differential input voltage range
Full range
±5
V
AVD
Large-signal differential voltage
amplification
VO = 0.5 V to 5 V,
No load
25
°C
40
V/mV
VOH
High-level output voltage
IOH = − 400 µA
VID = 8 mV
Full range
2.5
5.5
V
IOL = 100 mA
VID = − 7 mV
25
°C
0.8
2
VOL
Low-level output voltage
IOL = 50 mA
VID = − 7 mV
Full range
1
V
VOL
Low-level output voltage
IOL = 16 mA
VID = − 8 mV
Full range
0.4
V
IOH
High-level output voltage
VOH = 8 V to 24 V
VD = 7 mV
MIN to 25
°C
0.02
2
A
IOH
High-level output voltage
VOH = 8 V to 24 V
VID = 8 mV
25
°C to MAX
100
µA
ICC +
Supply current from VCC +
VID = − 5 mV,
No load
Full range
6.6
10
mA
ICC −
Supply current from VCC −
No load
Full range
− 1.9
− 3.6
mA
† Unless otherwise noted, all characteristics are measured with both strobes open.
‡ Full range is 0°C to 70°C. MIN is 0°C. MAX is 70°C.
§ This typical value is at VCC+ = 12 V, VCC− = −6 V.
NOTE 5: The offset voltages and offset currents given are the maximum values required to drive the output down to the low range (VOL) or up
to the high range (VOH). These parameters actually define an error band and take into account the worst-case effects of voltage gain
and input impedance.
switching characteristics, VCC+ = 12 V, VCC− = −6 V, TA = 25°C
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Response time, low-to-high-level output
RL = 390 Ω to 5 V,
CL = 15 pF,
See Note 6
28
40
ns
† All characteristics are measured with both strobes open.
NOTE 6: The response time specified is for a 100-mV input step with 5-mV overdrive and is the interval between the input step function and the
instant when the output crosses 1.4 V.


同様の部品番号 - LM306DRE4

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM306 NSC-LM306 Datasheet
97Kb / 6P
   Voltage Comparator
More results

同様の説明 - LM306DRE4

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
EAPDLP04SCAA2 EVERLIGHT-EAPDLP04SCAA2 Datasheet
317Kb / 6P
   Fast response times
logo
MKS Instruments.
AA02A MKS-AA02A Datasheet
270Kb / 4P
   All-digital architecture and improved thermal management provides better long-term stability, improved accuracy and increased reliability
logo
Texas Instruments
TMS320F28069 TI1-TMS320F28069_16 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
[Old version datasheet]   3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com